전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTC-1010-R2003

  • AI
    The **RTC-1010-R2003** is a rugged tablet computer manufactured by **AAEON** (an ASUS associate company). This specific model belongs to the RTC-1010 series, designed for industrial, field service, and harsh environment applications. Below is a breakdown of the electronic components and technical specifications for this model. --- ### 1. Core Processing & Memory The "R2003" variant typically signifies a specific configuration involving the Intel Apollo Lake processor family. | Component | Specification | | :--- | :--- | | **CPU** | Intel® Celeron® N3350 (Dual Core, up to 2.4GHz) | | **System Memory** | 4GB LPDDR4 (Onboard) | | **Storage (eMMC)** | 64GB eMMC (Onboard) | | **Operating System** | Windows® 10 IoT Enterprise / Android 9.0 | --- ### 2. Display and Touch Interface The display is designed for outdoor visibility and durability, utilizing chemically strengthened glass. * **Panel:** 10.1" TFT-LCD (16:10 ratio) * **Resolution:** 1280 x 800 pixels * **Brightness:** 300 nits (standard) / Optional 800 nits high-brightness * **Touchscreen:** 10-point Projected Capacitive (PCAP) multi-touch * **Durability:** Gorilla Glass for scratch and impact resistance --- ### 3. Connectivity and I/O Ports The electronic architecture includes several physical ports for industrial peripheral integration. * **USB Ports:** * 1x USB 3.2 Gen 1 (Type-A) * 1x USB 2.0 (Type-A) * 1x USB Type-C (for data) * **Serial Port:** 1x RS-232/422/485 COM Port (DB9) * **Networking:** 1x 10/100/1000 Base-T RJ45 Ethernet port * **Video:** 1x Micro HDMI * **Expansion:** Micro SD Slot (Supports up to 128GB) --- ### 4. Wireless Communication Modules The internal PCB integrates several wireless controllers for field data transmission. | Module | Type | | :--- | :--- | | **Wi-Fi** | 802.11 a/b/g/n/ac | | **Bluetooth** | Bluetooth v4.2 / v5.0 | | **GNSS** | Integrated GPS / GLONASS | | **4G LTE** | Supported via internal M.2 slot (Optional) | --- ### 5. Power Management The RTC-1010-R2003 is unique due to its dual-battery system, allowing for continuous operation. * **Main Battery:** 14.4V, 2270mAh (32.7W) Hot-swappable Li-ion battery. * **Internal Bridge Battery:** A small secondary battery that provides ~5 minutes of power to allow the user to swap the main battery without shutting down the system. * **Input Voltage:** 19V DC via AC Adapter. --- ### 6. Ruggedness Certifications The electronics are housed in a reinforced chassis to meet industrial standards: * **IP Rating:** IP65 (Dust tight and protected against water jets). * **Military Standard:** MIL-STD-810G compliant for shock, vibration, and drop (up to 4 feet). * **Operating Temp:** -20°C to 50°C (-4°F to 122°F). ---
    ✨ Follow-up Questions
    • ⤷What are the specific docking options for the RTC-1010-R2003?
    • ⤷ Can the RAM or eMMC storage be upgraded manually?
    • ⤷ Does this model support barcode scanning or RFID integration?