전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTC-1010-R2004

  • AI
    The **RTC-1010-R2004** is a specific configuration of the AAEON RTC-1010 rugged tablet series. This device is engineered for industrial, field service, and military applications where consumer-grade tablets would fail due to environmental stress. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Computing Architecture The "R2004" variant typically denotes a specific revision or regional configuration, generally built on the Intel® Apollo Lake platform. | Component | Specification | | :--- | :--- | | **Processor (CPU)** | Intel® Celeron® N3350 (Dual Core) or Pentium® N4200 (Quad Core) | | **Memory (RAM)** | 4GB LPDDR4 (Onboard) | | **Storage (eMMC)** | 64GB / 128GB eMMC Storage | | **Graphics** | Intel® HD Graphics 500/505 | | **Operating System** | Windows 10 IoT Enterprise / Android 9.0 | --- ### 2. Display and Touch Interface The display is designed for outdoor readability and high durability. * **LCD Panel:** 10.1" TFT-LCD with WXGA (1280 x 800) resolution. * **Brightness:** 300 nits (standard) to 800 nits (sunlight readable options). * **Touchscreen:** 10-point Projected Capacitive (PCAP) Multi-touch. * **Durability:** Chemically strengthened glass with Gorilla Glass coating. --- ### 3. Connectivity and I/O Modules The RTC-1010 features a wide array of physical and wireless interfaces: #### Wireless Communication * **Wi-Fi/BT:** 802.11 a/b/g/n/ac + Bluetooth V4.2 / V5.0. * **Navigation:** Integrated GPS, GLONASS, Galileo, or BeiDou. * **Cellular:** Optional 4G LTE via M.2 expansion slot. #### Physical Ports * 1 x USB 3.2 Gen 1 (Type-A). * 1 x USB 2.0 (Type-A). * 1 x Micro HDMI. * 1 x COM Port (RS-232/422/485 via internal jumper/header). * 1 x LAN Port (10/100/1000 Base-TX RJ-45). --- ### 4. Power Management The electronic power system is designed for "Hot-Swapping," meaning the device remains powered while the battery is changed. * **Standard Battery:** 14.4V, 2270mAh (32.7W). * **Hot-Swappable Battery:** 14.4V, 2270mAh (32.7W). * **Total Capacity:** Approx. 65.4W combined. * **Charging:** AC Adapter (100V-240V input, 19V/3.42A output). --- ### 5. Specialized Industrial Sensors The motherboard integrates several sensors to support field mobility: 1. **G-Sensor:** For screen rotation and drop detection. 2. **E-Compass:** For orientation. 3. **Light Sensor:** For automatic backlight adjustment. 4. **Gyroscope:** For motion tracking. --- ### 6. Environmental Protection (Electronics Housing) The electronics are protected by a magnesium alloy and polycarbonate chassis: * **IP65 Rating:** Dust-tight and protected against water jets. * **MIL-STD-810G:** Tested for shock, vibration, and 4ft drops. ---
    ✨ Follow-up Questions
    • ⤷ Does the RTC-1010-R2004 support expansion for barcode scanners or RFID readers?
    • ⤷ What is the difference between the Celeron N3350 and Pentium N4200 options for this model?
    • ⤷ How does the hot-swappable battery system maintain power during a swap?