RTD-80V221MJHTQ-R5
AI

The **RTD-80V221MJHTQ-R5** is a high-performance surface-mount (SMD) aluminum electrolytic capacitor, specifically designed for high-reliability applications such as automotive electronics and industrial power systems.
### 1. Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Capacitance** | 220 µF | Standard tolerance ±20% (M) |
| **Voltage Rating** | 80V DC | Surge voltage capability usually higher |
| **Series** | RTD | High temperature, long life, low ESR |
| **Case Size (DxL)** | 10mm x 10.2mm | Size Code: J |
| **Temperature Range** | -55°C to +125°C | Rated for extreme environments |
| **Life Span** | 2,000 to 5,000 hours | At maximum rated temperature |
| **Mounting Type** | SMD (V-Chip) | Designed for automated reflow soldering |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly (often produced by brands like **Lelon** or **Nichicon** types), the nomenclature typically follows this logic:
* **RTD**: Series name (typically implies Low ESR and High Temperature).
* **80V**: Rated operating voltage.
* **221**: Capacitance code. The first two digits are significant figures, the third is the multiplier ($22 \times 10^1 = 220 \text{ \mu F}$).
* **M**: Tolerance ($\pm 20\%$).
* **J**: Case size code (Diameter 10mm).
* **H**: Height code (10.2mm or 10.5mm).
* **TQ-R5**: Taping and packaging code (Tape & Reel for pick-and-place machines).
---
### 3. Key Features and Applications
#### Features
* **Low ESR:** Minimizes heat generation during high ripple current conditions.
* **Vibration Resistance:** Often includes additional "anti-vibration" structures to ensure reliability in moving vehicles.
* **AEC-Q200 Qualified:** Generally meets automotive stress test qualifications.
#### Common Applications
1. **Automotive ECU:** Power management for Engine Control Units.
2. **LED Drivers:** Smoothing high-voltage inputs in automotive or industrial lighting.
3. **DC-DC Converters:** Filtering input/output noise in power supplies.
4. **Telecommunications:** Base station power modules requiring long-term stability.
---
### 4. Handling and Soldering
Since this is an SMD part, specific care must be taken during the assembly process:
```text
Reflow Profile (Typical):
- Pre-heat: 150°C to 180°C (60-120 sec)
- Peak Temp: 240°C to 250°C (Max 5-10 sec)
- Cooling: Natural cooling recommended to prevent thermal shock
```
- ⤷
What are the equivalent alternative part numbers from other manufacturers like Panasonic or United Chemi-Con?
- ⤷ How does the ripple current rating of this RTD series compare to standard electrolytic capacitors?
- ⤷ What are the specific vibration resistance specs for the 'TQ' suffix in this part number?