전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-121-R/E

  • AI
    The **RTS-121-R/E** is a specific model within the series of industrial-grade **Reflectorless Total Stations**, commonly manufactured by FOIF or similar surveying equipment providers. It is a precision electronic optical instrument used in surveying and civil engineering. Below is an explanation of its electronic components and technical architecture. --- ### 1. Core Technical Specifications The electronics of the RTS-121-R/E are designed to balance high-speed data processing with precision measurement. | Component | Specification / Detail | | :--- | :--- | | **EDM System** | Electronic Distance Measurement (Reflectorless capability) | | **Angle Measurement** | Absolute Encoding System | | **Accuracy** | 2" (Arc-seconds) | | **Display** | Dual-sided LCD Graphic Display | | **Processor** | 32-Bit High-speed CPU | | **Storage** | Internal memory (approx. 10,000 to 20,000 points) | --- ### 2. Key Electronic Subsystems #### A. The EDM (Electronic Distance Measurement) Unit The "R" in the model name typically signifies **Reflectorless** capability. - **Laser Diode:** Uses a Class 3R visible laser for distance measurement without a prism. - **Phase Shift Technology:** The electronic board calculates distance by measuring the phase shift between transmitted and received infrared/laser pulses. - **Range:** Usually up to 300m–500m in reflectorless mode and 5,000m with a single prism. #### B. Absolute Encoding System Unlike older incremental encoders that required the user to "reset" the 0-index by rotating the telescope, the RTS-121 uses **Absolute Encoders**. - **Electronics:** Uses a coded disk and an optical sensor that reads the unique pattern of the disk immediately upon startup. - **Benefit:** If the power cycles, the instrument retains its angular position. #### C. Dual-Axis Compensation The device contains electronic liquid-electric or micro-electromechanical (MEMS) sensors. - These sensors detect the tilt of the instrument in both the X (horizontal) and Y (vertical) axes. - The CPU automatically applies mathematical corrections to the angle readings to compensate for slight leveling errors. #### D. Power Management and I/O - **Battery:** Uses rechargeable Ni-MH or Li-ion batteries (typically 6V DC). - **Communication Ports:** Features an RS-232C serial port and often a Mini-USB port for data extraction. - **Control Panel:** High-sensitivity tactile keyboard connected to a main logic board. --- ### 3. Data Processing and Software The internal firmware processes raw electronic signals into usable surveying data: 1. **Coordinate Calculation:** Converts slope distance and vertical/horizontal angles into X, Y, Z coordinates. 2. **Atmospheric Correction:** Users can input temperature and pressure; the electronics adjust the laser's "Time of Flight" calculations based on air density. 3. **Internal Memory:** Data is stored in non-volatile flash memory, ensuring data is not lost when the battery is removed. --- ### 4. Comparison: R vs. E Variants While the RTS-121-R is the standard reflectorless model, different suffixes may denote: - **R:** Reflectorless (Long-range laser). - **E:** Often indicates an "English" or Export version, or a specific enhancement in electronic memory capacity.
    ✨ Follow-up Questions
    • ⤷ How do I export data from the RTS-121 to a modern PC?
    • ⤷ What is the battery life expectancy of the RTS-121 during continuous EDM use?
    • ⤷ How does the dual-axis compensator handle errors in steep-slope measurements?