전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-122-R

  • AI
    The **RTS-122-R** is a specific model of a **Total Station**, a high-precision optical instrument used in surveying and civil engineering. Unlike traditional manual theodolites, a Total Station like the RTS-122-R integrates several complex electronic subsystems to measure distances, angles, and process data. --- ### Core Electronic Components The RTS-122-R relies on the following key electronic parts to function: | Component | Function | Description | | :--- | :--- | :--- | | **EDM (Electronic Distance Meter)** | Distance Measurement | Uses modulated infrared light or laser pulses to measure the distance to a prism or surface. | | **Electronic Angle Encoder** | Angular Measurement | Digital sensors that convert the rotation of the horizontal and vertical axes into precise digital readings. | | **Microprocessor Unit (MCU)** | Data Processing | The "brain" of the device that calculates coordinates ($X, Y, Z$) based on raw angle and distance data. | | **LCD Control Panel** | User Interface | High-resolution backlit screen and keypad for inputting data and viewing measurement results. | | **Internal Memory/Storage** | Data Logging | Usually supports up to 10,000 to 20,000 points; often includes an SD card slot or USB port for export. | | **Tilt Sensors (Compensators)** | Auto-Leveling | Electronic dual-axis compensators that detect and correct for the device not being perfectly level. | --- ### Key Technical Specifications (Electronic) The "122" in the model name typically refers to specific accuracy ratings within the manufacturer's series (often Ruide or similar brands). * **Angle Measurement Accuracy:** Generally 2 arc-seconds. * **Distance Range:** * *Prism mode:* Up to 5,000 meters. * *Reflectorless mode:* Usually 300m to 600m (depending on the specific sub-version). * **Communication Ports:** RS-232C, USB, and sometimes Bluetooth for connecting to external data collectors. * **Power System:** Rechargeable Ni-MH or Li-ion battery (typically 6V - 7.4V DC). --- ### Data Communication Interface The RTS-122-R uses standard protocols to transfer surveyed points to CAD software. Below is a representation of the typical pinout logic for the RS-232 communication cable: ```text [Instrument Side] [PC/Data Collector] Pin 1 (GND) <------> Ground Pin 2 (TXD) ------> Receive (RXD) Pin 3 (RXD) <------ Transmit (TXD) ``` --- ### Maintenance of Electronic Parts 1. **Calibration:** The electronic sensors (compensators) require periodic software calibration to ensure the "zero" point remains accurate. 2. **Moisture Control:** While usually rated (e.g., IP54 or IP66), the internal PCB (Printed Circuit Board) is sensitive to condensation. 3. **Battery Care:** Lithium-ion cells should not be stored at 0% charge for long periods to prevent circuit failure.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the dual-axis compensator on the RTS-122-R?
    • ⤷ What is the maximum reflectorless range of this specific model?
    • ⤷ How can I export data from the RTS-122-R to AutoCAD?