전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-14D-R

  • AI
    The **RTS-14D-R** is a high-performance, ultra-compact surface-mount (SMD) device commonly used in professional industrial automation, telecommunications, and high-density electronic circuits. Specifically, it belongs to the family of **Miniature Reed Relays**. --- ## 1. Component Overview The RTS-14D-R is a Reed Relay designed for applications requiring high reliability and fast switching speeds in a small form factor. Unlike mechanical relays, reed relays use an electromagnetic coil to control a reed switch, which is hermetically sealed in a glass tube to prevent oxidation. ### Key Specifications | Parameter | Typical Value / Detail | | :--- | :--- | | **Relay Type** | Reed Relay | | **Contact Form** | 1 Form A (SPST-NO - Single Pole Single Throw, Normally Open) | | **Coil Voltage** | Usually 5V or 12V DC (Verify specific datasheet variant) | | **Switching Voltage** | Max 100V - 200V DC | | **Switching Current** | Max 0.5A | | **Package Style** | SMD (Surface Mount Device) / Gull-wing leads | | **Life Expectancy** | Up to $10^8$ operations (low load) | --- ## 2. Core Electronic Parts & Internal Construction The internal architecture of the RTS-14D-R consists of several critical sub-components: ### A. The Reed Switch The heart of the device is a glass-encapsulated switch. The contacts are often plated with **Rhodium** or **Ruthenium**. * **Purpose:** Provides the physical connection for the electrical signal. * **Benefit:** Being hermetically sealed, it is immune to dust, moisture, and corrosive atmospheres. ### B. The Electromagnetic Coil A fine copper wire coil wrapped around the reed switch. * **Function:** When current flows through this coil, it creates a magnetic field that pulls the reed contacts together, closing the circuit. ### C. Magnetic Shielding (Internal) High-end reed relays like the RTS series often include a mu-metal or iron shield. * **Function:** Prevents magnetic interference with adjacent components and improves the efficiency of the coil's magnetic field. ### D. Molded Epoxy Body The entire assembly is encapsulated in a rugged thermoset plastic. * **Function:** Protects the delicate glass tube from the heat of SMD reflow soldering and physical stress. --- ## 3. Usage and Application The "R" suffix in RTS-14D-R often denotes **Tape and Reel** packaging for automated pick-and-place assembly. * **Test and Measurement:** Used in ATE (Automatic Test Equipment) for routing signals. * **Security Systems:** High-speed switching for alarm sensors. * **Medical Electronics:** Due to high isolation properties between the coil and the contacts. * **Telecommunications:** Signal switching in high-frequency environments where low capacitance is required. --- ## 4. Design Considerations If you are integrating this into a PCB design, note the following: ```c // Design Best Practices: 1. Back-EMF Protection: Always place a flyback diode in parallel with the coil to protect the driving transistor from voltage spikes. 2. Magnetic Interference: Avoid placing high-power inductors or magnets directly next to the relay. 3. Soldering: Ensure the reflow profile does not exceed the package's thermal limits (usually JEDEC standards). ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 5V version of the RTS-14D-R?
    • ⤷ Does this relay require a specific orientation on the PCB for magnetic shielding?
    • ⤷ What are the primary differences between the RTS-14D-R and a standard mechanical relay?