전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-1D1-R

  • AI
    The **RTS-1D1-R** is a specific model of a **Reverse Acting Thermostat** (often used in HVAC and industrial cooling/heating controls). While it is a mechanical device, its electronic function is defined by its internal switching mechanism and electrical ratings. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the RTS-1D1-R: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Single Pole, Single Throw (SPST) | | **Action** | Reverse Acting (Closes on temperature rise) | | **Voltage Rating** | 120V / 240V AC | | **Current Rating** | Typically 10A - 25A (depending on load type) | | **Temperature Range** | Usually adjustable (common ranges: 30°F to 110°F) | | **Differential** | Fixed or Adjustable (approx. 3°F - 5°F) | --- ### 2. Electronic Component Breakdown The "electronics" of this unit are primarily electromechanical. Here is how the internal parts function: #### A. The Bimetallic Sensor This is the heart of the device. It consists of two bonded metals with different expansion coefficients. As temperature increases, the strip bends. * **Reverse Acting Logic:** In the RTS-1D1-R, the strip is positioned to **close** the circuit when the temperature rises above the setpoint (commonly used for cooling fans). #### B. Snap-Action Switch (Microswitch) To prevent "arcing" (electrical sparking) when the contacts move slowly, the device uses a snap-action mechanism. This ensures a crisp, fast connection or disconnection of the electrical load. #### C. Terminal Block * **L1 (Line):** The incoming power phase. * **Load:** The output terminal connected to the fan, pump, or cooling equipment. * **Ground:** A safety connection to the metal chassis. --- ### 3. Application Use-Case Because this is a **Reverse Acting** thermostat, its electronic behavior is inverted compared to a standard home heater: * **Standard Thermostat:** Opens on temp rise (Turns **OFF** heater when hot). * **RTS-1D1-R:** Closes on temp rise (Turns **ON** fan/cooler when hot). --- ### 4. Wiring Diagram Concept ```mermaid graph LR Power_Source -- L1 --> Thermostat_Input(RTS-1D1-R) Thermostat_Input -- Switched_Output --> Cooling_Device(Fan/Blower) Cooling_Device --> Neutral ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage load supported by the RTS-1D1-R?
    • ⤷ Can this model be used for a heating application instead of cooling?
    • ⤷ How do you calibrate the temperature differential on this unit?