전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-215A-R

  • AI
    The **RTS-215A-R** typically refers to a high-performance **Rugged Touch Monitor** or **Panel PC** component (often associated with industrial automation brands like Portwell or similar industrial suppliers). This specific model is designed for harsh environments where standard consumer electronics would fail. Below is an explanation of its core electronic parts and technical characteristics. --- ### 1. Core Electronic Components The "R" suffix often denotes a **Resistive Touch** interface or specific **Rugged** enhancements. Here are the primary electronic subsystems: | Component | Description | Function | | :--- | :--- | :--- | | **LCD Controller Board** | The "Brain" of the monitor. | Converts incoming video signals (VGA, DVI, HDMI) into signals the LCD panel can understand (LVDS/eDP). | | **Resistive Touch Controller** | USB or RS-232 interface chip. | Translates physical pressure on the screen into X/Y coordinates for the OS. | | **Inverter / LED Driver** | High-voltage step-up converter. | Powers the backlight system; usually designed for high MTBF (Mean Time Between Failures). | | **Power Management IC (PMIC)** | Wide-range DC-DC converter. | Allows the device to operate on industrial power rails (typically 9V-36V DC) rather than standard 12V. | | **OSD Control Board** | Physical or internal buttons. | Controls On-Screen Display settings like brightness, contrast, and scaling. | --- ### 2. Display & Touch Specifications The electronics are centered around a 15-inch industrial-grade display module. * **Display Panel:** Usually a 15" TFT-LCD with XGA resolution (1024 x 768). * **Backlight:** WLED (White Light Emitting Diode) with a lifespan often rated at 50,000 hours. * **Touch Interface:** 5-wire Resistive touch. Unlike capacitive screens (smartphones), these electronics react to pressure, allowing use with gloves or styluses in oily/dusty environments. --- ### 3. Electrical & Environmental Protection The electronic design of the RTS-215A-R includes several protective layers: * **IP65 Front Bezel:** The electronic housing is sealed against dust and water jets. * **EMI/EMC Shielding:** The internal PCB is shielded to prevent interference from heavy machinery or motors. * **Thermal Management:** Passive cooling (fanless) design uses the metal chassis as a heat sink to protect internal semiconductors from overheating. --- ### 4. Typical Input/Output (I/O) The internal board layout provides the following connectivity: 1. **Video Input:** VGA (Analog) and DVI-D or HDMI (Digital). 2. **Touch Communication:** USB Type-B or Serial DB9. 3. **Power Input:** 3-pin Terminal Block or DC Jack (usually 12V DC).
    ✨ Follow-up Questions
    • ⤷ Does the RTS-215A-R support wide-voltage DC input for vehicular use?
    • ⤷ What is the difference between the 'R' model and a standard capacitive touch model?
    • ⤷ How do I troubleshoot a non-responsive touch controller on this unit?