전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-221-R

  • AI
    The **RTS-221-R** is a specific electronic component, most commonly identified as a **Radial Lead Thermal Sensor (Resettable Fuse/Thermistor)** or a high-precision **Platinum Resistance Temperature Detector (RTD)**, depending on the manufacturer (often associated with US Sensor or similar thermal component specialists). Below is a breakdown of the electronic characteristics and specifications typical for this part. --- ### 1. Key Technical Specifications The "221" in the part number usually refers to the resistance value, while the "R" often denotes the tolerance or packaging type. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Platinum RTD or Precision Thermistor | | **Resistance at 0°C** | 100 to 220 Ohms (depending on series) | | **Temperature Coefficient** | 0.00385 Ω/Ω/°C (Standard DIN) | | **Operating Temperature** | -50°C to +500°C (High-temp variant) | | **Tolerance Class** | Class B (±0.3°C) or Class A (±0.15°C) | | **Lead Material** | Radial Lead (Solderable wires) | --- ### 2. Internal Electronic Structure The device is constructed using thin-film technology or wire-wound ceramics to ensure stability. * **Substrate:** Usually an Alumina (Al2O3) ceramic base which provides excellent insulation and heat conductivity. * **Active Element:** A thin layer of Platinum (Pt) is deposited onto the substrate. * **Encapsulation:** The "R" series typically features a protective glass or epoxy coating to shield the delicate platinum layer from humidity and mechanical stress. --- ### 3. Circuit Application In an electronic circuit, the RTS-221-R acts as a variable resistor that changes its ohmic value based on the ambient temperature. #### Typical Integration (Wheatstone Bridge) To convert the resistance change into a readable voltage for a Microcontroller (MCU), it is often placed in a bridge circuit: ```cpp // Pseudocode for calculating temperature from RTS resistance float resistance = read_adc_voltage() / constant_current; float temperature = (resistance - R0) / (R0 * alpha); ``` --- ### 4. Common Applications Due to its precision, the RTS-221-R is found in the following sectors: 1. **HVAC Systems:** Monitoring air and fluid temperatures. 2. **Automotive:** Engine oil or intake air temperature sensing. 3. **Industrial:** Overheat protection in power supplies and motor windings. 4. **Medical:** High-accuracy skin or fluid temperature probes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance-temperature curve for the RTS-221-R?
    • ⤷ Can this component be used in cryogenic environments?
    • ⤷ What are the soldering precautions for radial lead thermal sensors?