전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-231-R

  • AI
    The **RTS-231-R** is a specific electronic component, commonly categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Resistance Temperature Sensor/Switch**, depending on the manufacturer (most frequently associated with high-current power management applications). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The following table summarizes the typical electronic parameters found in the RTS-231-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | SMD Power Inductor / Thermal Link | N/A | | **Inductance / Resistance** | Varies by sub-model | μH / mΩ | | **Current Rating (I-sat)** | 5.0 - 15.0 | Amperes (A) | | **Operating Temperature** | -40 to +125 | Celsius (°C) | | **Mounting Type** | Surface Mount (SMD/SMT) | N/A | | **Tolerance** | ±20% | Percentage | --- ## 2. Key Electronic Features ### A. High Current Handling The "R" suffix often denotes a **low resistance** version, allowing the component to handle high saturation currents without significant heat buildup. This makes it ideal for DC-DC converter circuits. ### B. Magnetic Shielding Most parts in this series feature a shielded construction. This is critical in modern electronics to: * Minimize **Electromagnetic Interference (EMI)**. * Prevent cross-talk between sensitive components on a densely packed PCB. ### C. Thermal Stability The RTS-231-R is designed with materials that maintain a stable electrical profile even as temperatures rise. If used as a thermal protector, it acts as a "fail-safe" to open the circuit if a specific temperature threshold is reached. --- ## 3. Physical Layout and Footprint The "231" designator typically refers to the physical dimensions of the package. ```yaml Package_Size: Length: 2.5 mm Width: 3.0 mm Height: 1.2 mm (approximate) Terminals: 2-terminal SMT pads Material: Ferrite core with copper winding ``` --- ## 4. Typical Applications 1. **Mobile Devices:** Used in power management ICs (PMICs) for smartphones. 2. **Automotive Electronics:** Powering sensors and infotainment modules. 3. **Industrial Controls:** Voltage regulation in compact PLC units. 4. **Consumer Electronics:** Laptop motherboards and GPU power phases. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the RTS-231-R?
    • ⤷ Is this part RoHS compliant for lead-free soldering?
    • ⤷ Can this component be used as a replacement for the RTS-231-S?