전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-243-R

  • AI
    The **RTS-243-R** is a specific model of an **Electronic Rotary Temperature Sensor** or **Thermostat**, commonly utilized in HVAC (Heating, Ventilation, and Air Conditioning) systems, refrigeration, or industrial temperature control panels. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Electronic Components The device is composed of several critical internal parts that allow it to sense and regulate temperature: | Component | Function | | :--- | :--- | | **Bimetallic or Thermistor Element** | The core sensing part that changes physical or electrical properties based on heat. | | **Potentiometer (Rotary Dial)** | An adjustable resistor that allows the user to set the target temperature threshold. | | **Relay Switch** | An electromagnetic switch that opens or closes the high-power circuit (e.g., turning on a compressor). | | **Terminal Block** | Connection points for wiring (usually labeled R, Y, W, G or L, N). | | **Internal Fuse/Thermal Cutoff** | Protects the device from overcurrent or extreme overheating. | --- ### 2. Technical Specifications While specific manufacturers (like Ranco or Johnson Controls) may vary slightly, typical electronics for this class of sensor include: * **Switching Capacity:** Usually rated for **120V to 240V AC**. * **Current Load:** Typically supports **6A to 16A** (Resistive) or specific Inductive loads (FLA/LRA). * **Temperature Range:** Often calibrated for -35°C to +35°C or standard room temperatures (10°C to 30°C). * **Differential (Hysteresis):** Fixed or adjustable electronic offset (usually 1°C to 4°C) to prevent rapid cycling of the motor. --- ### 3. Wiring Configuration The "R" in the suffix often denotes a specific mounting or relay configuration. Standard electronic wiring usually follows this logic: ```yaml Terminal 1: Line Input (Hot/Live) Terminal 2: Load Output (To Compressor/Heater) Terminal 3: Neutral or Common (For powered electronic models) ``` ### 4. Application Use-Cases 1. **Refrigeration Units:** Controlling the cycle of the cooling pump. 2. **Industrial Heaters:** Regulating heating elements in enclosures. 3. **HVAC Dampers:** Moving mechanical vents based on electronic temperature feedback. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load for the RTS-243-R?
    • ⤷ How do I calibrate the rotary dial if the temperature is inaccurate?
    • ⤷ Does this model support 24V DC control circuits?