전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-311-R

  • AI
    The **RTS-311-R** is a high-precision electronic distance measurement (EDM) instrument, commonly known as a **Total Station**, manufactured by FOIF. It integrates optical, mechanical, and electronic components to measure angles and distances simultaneously. ### Core Electronic Subsystems The internal architecture of the RTS-311-R consists of several critical electronic modules: | Component | Function | Technology Used | | :--- | :--- | :--- | | **EDM Module** | Distance measurement via laser/infrared | Phase shift or Time-of-Flight | | **Angle Encoder** | Measures horizontal and vertical angles | Absolute Encoding (Photoelectric) | | **Mainboard/CPU** | Processing of raw data and calculations | 32-bit Microprocessor | | **Display Unit** | User interface and data visualization | Dual-sided LCD with Backlight | | **Power Management** | Voltage regulation and battery monitoring | Li-ion Rechargeable Battery System | --- ### Technical Specifications (Electronic Focus) The performance of the RTS-311-R is defined by its electronic sensitivity and processing speed: * **Distance Measurement:** * **Reflectorless Range:** Typically up to 300m–500m (depending on the specific sub-model iteration). * **Prism Range:** Up to 3,000m. * **Accuracy:** $\pm(2mm + 2ppm \times D)$. * **Angle Measurement:** * **Minimum Reading:** 1” / 5” optional. * **Accuracy:** 2”. * **Data Communication:** * **I/O Port:** RS-232C serial port for data extraction. * **Memory:** Internal memory capable of storing ~10,000 to 20,000 points. --- ### Key Electronic Features #### 1. Dual-Axis Compensation The device features an electronic liquid-electric compensator. It automatically detects and corrects for small tilts in the instrument's leveling, ensuring that angle measurements remain accurate even if the tripod settles slightly. #### 2. Absolute Encoding System Unlike older incremental encoders that require "indexing" (rotating the telescope to zero the sensor), the RTS-311-R uses absolute encoders. This means the electronic system knows the exact angle immediately upon power-up, reducing startup time and data loss risk. #### 3. Laser Plummet/Pointer The electronic assembly includes a visible laser diode used for: * **Plummeting:** Aligning the instrument precisely over a ground point. * **Pointing:** Assisting the operator in identifying the target in reflectorless mode. --- ### Basic Connectivity Example To interface with the RTS-311-R via the serial port using a simple Python script for data logging, the configuration usually looks like this: ```python import serial # Typical Serial Configuration for FOIF Total Stations ser = serial.Serial( port='COM1', baudrate=9600, parity=serial.PARITY_NONE, stopbits=serial.STOPBITS_ONE, bytesize=serial.EIGHTBITS ) if ser.is_open: print("Connection established with RTS-311-R") # Commands to trigger a measurement would go here ```
    ✨ Follow-up Questions
    • ⤷ How does the absolute encoding system differ from incremental encoders in surveying?
    • ⤷ What is the battery life expectancy of the RTS-311-R during continuous EDM use?
    • ⤷ Can the RTS-311-R be upgraded to support Bluetooth connectivity?