전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-31A-R/E

  • AI
    The **RTS-31A-R/E** is a high-precision electronic thermal relay (specifically a temperature-sensitive reed switch) commonly used in industrial automation, HVAC systems, and electronic protection circuits. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The device acts as a thermal sensor and a switch integrated into a single package. | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch (Thermostat) | | **Contact Configuration** | Normally Closed (NC) or Normally Open (NO) | | **Operating Temperature** | Predetermined (Specific to the "A" or "B" series) | | **Max Switching Voltage** | 100V - 120V AC/DC (Typical) | | **Max Switching Current** | 0.5A | | **Contact Resistance** | < 150 mΩ | --- ### 2. Internal Electronic Parts The RTS-31A-R/E consists of three primary physical and electronic segments: #### A. Thermal Ferrite (The Sensing Element) The core of the device is a **ferromagnetic material** with a specific **Curie Point**. - At normal temperatures, the ferrite is magnetic, keeping the reed switch in its default state (usually closed). - Once the target temperature is reached, the ferrite loses its magnetic properties, causing the reed switch to change state. #### B. Reed Switch (The Output Mechanism) This consists of two metal blades (reeds) hermetically sealed in a glass tube. - **Gold or Rhodium Plating:** The contact surfaces are often plated with precious metals to prevent oxidation and ensure a long lifecycle (millions of operations). - **Inert Gas:** The glass envelope is filled with nitrogen or another inert gas to prevent arcing. #### C. Housing and Terminals - **Resin Encapsulation:** The electronic internals are encapsulated in high-grade epoxy or plastic to resist moisture and vibration. - **Leads:** The "R/E" suffix often denotes specific lead wire configurations (Right-angle or Extended) designed for PCB mounting or wire-to-wire connections. --- ### 3. Functional Operation The device operates on the principle of **Thermo-Magnetism**: 1. **Normal State:** The internal permanent magnet or ferrite holds the reed blades together (or apart). 2. **Trigger State:** As the ambient temperature rises to the set point (e.g., 60°C or 70°C), the ferrite becomes non-magnetic. 3. **Reset State:** Once the temperature drops below a certain "Differential" (Hysteresis), the magnetic field returns, and the switch snaps back to its original position. --- ### 4. Application Areas * **Overheat Protection:** Used in power supplies to shut down the system if the heatsink gets too hot. * **Fire Detection:** Acting as a localized heat sensor in fire alarm panels. * **Fluid Temp Control:** Monitoring temperature in liquid reservoirs.
    ✨ Follow-up Questions
    • ⤷ What is the specific Curie temperature for the RTS-31A series?
    • ⤷ How does the 'R/E' suffix change the physical mounting of the part?
    • ⤷ Can this switch be used to directly drive a high-power AC motor?