전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-3C2-R

  • AI
    The **RTS-3C2-R** is a specific electronic component, typically categorized as a **Terminal Block Relay** or an **Interface Relay Module**. These devices are used to bridge the gap between low-power control signals (like those from a PLC) and high-power loads. --- ## 1. Core Specifications The alphanumeric code usually indicates the following technical parameters: | Component Feature | Description | | :--- | :--- | | **Type** | Interface / Slim Relay Module | | **Control Voltage (Input)** | Typically 24V DC (Standard for industrial automation) | | **Contact Rating** | Usually 6A to 10A at 250V AC / 30V DC | | **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Mounting Type** | DIN Rail (35mm) | | **Termination** | Screw terminals or Push-in terminals | --- ## 2. Key Electronic Parts & Construction The module is composed of several internal electronic and mechanical parts: ### A. The Electromagnetic Relay The heart of the unit is a miniature relay. It consists of: * **Coil:** A copper winding that creates a magnetic field when energized. * **Armature:** The moving part that responds to the magnetic field. * **Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or gold-plated silver for high conductivity and arc resistance. ### B. Protection Circuitry To ensure longevity and safety, the module includes: * **Freewheeling Diode (Flyback Diode):** Protects the driving transistor/PLC output from high-voltage spikes caused by the relay coil's inductive kickback. * **LED Indicator:** A small green or red LED to provide visual status of whether the relay is energized. * **Polarity Protection:** Prevents damage if the input DC wires are reversed. ### C. Housing and Isolation * **V-0 Plastic:** The casing is made of flame-retardant material. * **Galvanic Isolation:** High dielectric strength (usually 4kV) between the input (coil) and output (contacts) to protect sensitive electronics from power surges. --- ## 3. Common Applications The RTS-3C2-R is used in industrial environments for: 1. **Signal Multiplying:** Using one PLC output to switch multiple higher-power devices. 2. **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC motor or lamp. 3. **Isolation:** Protecting expensive PLC CPUs from external electrical faults. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the RTS-3C2-R?
    • ⤷ How does the AgSnO2 contact material compare to gold plating?
    • ⤷ What are the wiring differences between NPN and PNP inputs for this relay?