전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-3D1-R

  • AI
    The **RTS-3D1-R** is a high-performance **3D LiDAR (Light Detection and Ranging)** sensor typically used in industrial automation, robotics, and logistics. It is designed to provide precise spatial awareness by measuring distances using laser pulses. ### 1. Key Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Scanning Method** | Rotating Mirror / Solid State Hybrid | | **Field of View (FoV)** | Horizontal: 360° / Vertical: 20° - 30° | | **Detection Range** | 0.1m to 30m+ (depending on target reflectivity) | | **Accuracy** | ±30mm to ±50mm | | **Interface** | Ethernet (RJ45), M12 Industrial Connector | | **Supply Voltage** | 12V - 24V DC | | **Power Consumption** | Approx. 5W - 8W | --- ### 2. Core Electronic Components The device integrates several complex sub-systems to process light into digital data: #### A. Optical Transceiver System * **Laser Diode:** Emits infrared (IR) light pulses (usually 905nm wavelength, which is invisible to the human eye). * **APD (Avalanche Photodiode):** A high-sensitivity semiconductor component that detects the faint "echo" of light reflected back from objects. #### B. Signal Processing Unit * **FPGA / Microcontroller:** Acts as the "brain." It calculates the **Time of Flight (ToF)**—the time it takes for a pulse to travel to an object and back—converting it into precise distance coordinates (X, Y, Z). * **TDC (Time-to-Digital Converter):** A specialized circuit capable of measuring picosecond intervals to ensure high-accuracy distance data. #### C. Mechanical & Control Hardware * **Brushless DC Motor (BLDC):** Rotates the optical assembly to allow for a 360-degree horizontal view. * **Optical Encoder:** Provides feedback to the controller regarding the exact angular position of the laser at the moment of firing. --- ### 3. Connection and Integration The RTS-3D1-R usually communicates via standardized industrial protocols to ensure compatibility with PLCs (Programmable Logic Controllers) and IPCs (Industrial PCs). ```yaml Connectivity_Profile: Data_Output: Point Cloud Data (X, Y, Z, Intensity) Communication: TCP/UDP via Ethernet Synchronization: NTP (Network Time Protocol) or PTP Environmental_Rating: IP65/IP67 (Dust and Water resistant) ``` --- ### 4. Common Applications * **AGVs/AMRs:** Obstacle avoidance and navigation for automated warehouse robots. * **Volume Measurement:** Calculating the size of parcels on a conveyor belt. * **Safety Guarding:** Creating virtual "fences" around hazardous machinery.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M12 connector on the RTS-3D1-R?
    • ⤷ Does this model support ROS (Robot Operating System) drivers?
    • ⤷ How does its accuracy compare to 2D LiDAR sensors in industrial settings?