전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-41D-R/E

  • AI
    The **RTS-41D-R/E** is a professional-grade thermal printer mechanism commonly used in kiosks, medical devices, and point-of-sale (POS) systems. This specific model belongs to the high-speed thermal line printer category. Below is an explanation of its core electronic parts and technical specifications. --- ## 1. Core Component Breakdown | Component | Description | | :--- | :--- | | **Thermal Print Head (TPH)** | The primary component that uses heat to transfer images/text onto thermal paper. It consists of a linear array of heating resistors. | | **Stepper Motor** | Controls the paper feed mechanism. It ensures precise movement for consistent line spacing and image alignment. | | **Platen Roller** | A rubber-coated roller that provides the necessary pressure against the TPH to ensure clear printing. | | **Paper-End Sensor** | An optical (photoelectric) sensor that detects the presence or absence of paper, triggering an error when the roll is empty. | | **Thermistor** | A temperature sensor integrated into the TPH to prevent overheating and adjust heat intensity based on ambient temperature. | --- ## 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Printing | | **Resolution** | 8 dots/mm (203 DPI) | | **Printing Width** | 48 mm (Total paper width usually 58mm) | | **Operating Voltage** | Typically 4.2V to 8.5V (Logic 3.3V/5V compatible) | | **Peak Current** | Approx. 2.0A - 3.0A (during high-density printing) | | **Print Speed** | Up to 50-80 mm/s (depending on voltage/power supply) | --- ## 3. Interface and Connectivity The RTS-41D series usually communicates via a **Flexible Flat Cable (FFC)**. The electronic interface includes: * **Data Input (SI):** Serial data input for the print head. * **Clock (CLK):** Synchronizes the data transfer. * **Latching (LAT):** Holds the data in the print head shift registers. * **Strobe (STB1-STB3):** Controls the activation time of the heating elements (duty cycle). * **Motor Phase Pins:** 4 pins (A, /A, B, /B) to drive the bipolar stepper motor. --- ## 4. Operational Considerations ### Heat Dissipation Because this is a thermal device, the TPH generates significant heat. The electronic controller must monitor the **Thermistor** value to pause printing if the temperature exceeds safe limits (usually 65°C - 70°C) to avoid permanent damage to the heating elements. ### Power Management High instantaneous current is required when many dots are fired simultaneously. Electrolytic capacitors are often placed near the power pins on the control board to handle these current spikes and prevent voltage drops. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout definitions for the RTS-41D-R FFC connector?
    • ⤷ Which microcontrollers are best suited to drive this thermal printer mechanism?
    • ⤷ How do I calculate the strobe time for optimal print density on this model?