전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-4BD-R

  • AI
    The **RTS-4BD-R** is an industrial-grade, 4-channel relay terminal module. These devices are commonly used in automation and control systems to interface low-power control signals (like those from a PLC) with high-power field devices. --- ## 1. Core Specifications and Components The RTS-4BD-R is designed for DIN-rail mounting and focuses on signal isolation and power switching. | Component | Description | | :--- | :--- | | **Relay Type** | Typically uses 4 electromagnetic relays (SPDT - Single Pole Double Throw). | | **Channels** | 4 independent output channels. | | **Input Voltage** | Usually 24V DC (standard for PLC logic). | | **Contact Rating** | Generally rated for 5A to 10A at 250V AC / 30V DC (depending on specific relay brand). | | **Mounting** | Standard 35mm DIN Rail. | | **Indication** | LED status indicators for each channel (On/Off). | --- ## 2. Electronic Architecture The internal circuitry of the RTS-4BD-R consists of several protective and functional layers: ### A. Input Logic Side * **Optocoupler Isolation:** Most modules of this type include optical isolation to prevent high-voltage spikes on the load side from damaging the sensitive PLC or controller. * **Status LEDs:** Small Surface Mount (SMD) LEDs wired in series with the input signal to provide visual confirmation of signal reception. * **Polarity Protection:** Diodes are often included to prevent damage if the input wiring is reversed. ### B. Switching Side (The Relay) * **Electromagnetic Coil:** When the input receives 24V, the coil creates a magnetic field. * **Mechanical Contacts:** The magnetic field pulls the armature, closing the circuit. * **Flyback Diode:** A diode is placed across the relay coil to suppress the "inductive kickback" (voltage spike) that occurs when the coil is de-energized. ### C. Connection Terminals * **Screw Terminals:** Robust blocks designed for wires ranging from 14 to 22 AWG. * **Common (COM), Normally Open (NO), and Normally Closed (NC):** Each channel provides these three points to allow for flexible wiring logic. --- ## 3. Key Electronic Benefits 1. **Galvanic Isolation:** Physical separation between the control circuit and the load circuit. 2. **Signal Conversion:** Allows a low-current DC signal to control a high-current AC load (e.g., starting a motor or turning on a heater). 3. **Modular Maintenance:** Relays on these boards are often "pluggable," meaning if one fails, you can pull the individual relay out and replace it without unsoldering the board.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the RTS-4BD-R?
    • ⤷ Can this module be used with both AC and DC loads?
    • ⤷ How do I wire a PLC NPN output to this relay module?