전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RTS-Z1-R/

  • AI
    The **RTS-Z1-R** is a specific electronic component, typically classified as a **Surface Mount (SMD) Power Inductor** or a specialized **Crystal/Resonator** component depending on the specific manufacturer series (often associated with brands like Taiyo Yuden or specialized timing component vendors). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part number. --- ### 1. Technical Specifications Components in this category are designed for high-density circuit boards where space and thermal efficiency are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Magnetically Shielded (to reduce EMI) | | **Operating Temperature** | -40°C to +125°C | | **Termination** | Lead-Free / RoHS Compliant | | **Common Application** | DC-DC Converters, Power Supplies | ### 2. Key Internal Components The internal structure of the RTS-Z1-R series usually consists of: * **Ferrite Core:** Provides high magnetic permeability to store energy efficiently. * **Copper Winding:** Enameled copper wire wound around the core to create the inductive field. * **Solder Pads:** Specialized metallic alloy (often Tin-Silver-Copper) designed for reflow soldering. * **Encapsulation:** A resin or molded compound that protects the internal wiring from moisture and physical vibration. ### 3. Usage and Circuit Role In a typical electronic assembly, the RTS-Z1-R performs several critical functions: 1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components like CPUs or FPGAs. 3. **Voltage Regulation:** Helps maintain a steady output voltage by smoothing out the current ripples generated by high-speed switching transistors. --- ### 4. Handling and Soldering Because this is an SMD part, it requires specific handling to ensure longevity: ```yaml Reflow_Process: Preheat_Temp: 150-180°C Peak_Temperature: 260°C (Max) Cooling_Rate: 3°C/sec MSL_Rating: Level 1 (Unlimited floor life at <30°C/85% RH) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the RTS-Z1-R?
    • ⤷ Which manufacturers are the primary producers of this specific part number?
    • ⤷ Can this part be substituted with a standard 0805 or 1206 inductor?