RTT-80V101MJHTQ-R5
AI

Based on the part number **RTT-80V101MJHTQ-R5**, this component is an **Aluminum Electrolytic Capacitor** designed for surface-mount technology (SMD). It is typically manufactured by brands like **Samyoung** or similar electronic component specialists focusing on high-reliability industrial applications.
---
### 1. Part Number Breakdown (Specifications)
| Component Segment | Specification Detail | Description |
|:---|:---|:---|
| **Series (RTT)** | Low Impedance / High Temp | Designed for stability in switching power supplies. |
| **Voltage (80V)** | 80 Volts DC | The maximum continuous operating voltage. |
| **Capacitance (101)** | 100 µF | 10 (significant digits) + 1 (multiplier: 10^1). |
| **Tolerance (M)** | ±20% | Standard capacitance tolerance range. |
| **Case Size (JHT)** | 10 x 10.2 mm | Standardized SMD "Can" dimensions. |
| **Packaging (R5)** | Tape & Reel | Standard 13-inch or 15-inch reel for automated pick-and-place. |
---
### 2. Key Technical Characteristics
* **Electrolyte Type:** Liquid aluminum electrolytic.
* **Mounting Type:** SMD (Surface Mount Device) V-chip type.
* **Operating Temperature:** Generally rated for **-55°C to +105°C**, making it suitable for automotive and industrial environments.
* **Life Endurance:** Usually rated between **2,000 to 5,000 hours** at its maximum temperature rating.
* **Low ESR/Impedance:** The "RTT" series typically focuses on low internal resistance to handle ripple currents efficiently without overheating.
---
### 3. Common Applications
These capacitors are essential for power management in modern electronics:
1. **DC-DC Converters:** Filtering noise and stabilizing output voltage.
2. **Automotive Electronics:** Used in ECU modules or lighting drivers due to the 80V rating (ideal for 24V or 48V systems).
3. **Industrial Automation:** Power supplies for PLC systems and motor controllers.
4. **Telecommunications:** Base station power modules where long-term reliability is required.
---
### 4. Alternative Identifiers
If you are searching for datasheets or cross-references, look for these parameters:
* **Type:** Aluminum V-Chip
* **Value:** 100uF 80V
* **Footprint:** 10mm Diameter
- ⤷What are the equivalent alternative part numbers from brands like Nichicon or Panasonic?
- ⤷ Can this capacitor be used in 48V automotive systems?
- ⤷ What is the specific ripple current rating for the RTT series?