전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RVC-25V331MH10UN-R2

  • AI
    The part number **RVC-25V331MH10UN-R2** refers to a specific Aluminum Electrolytic Capacitor, typically designed for surface mount (SMD) applications. This component is part of the **RVC series**, which is known for its high-temperature resistance and reliability. ### 1. Technical Specifications Breakdown | Parameter | Value | Description | | :--- | :--- | :--- | | **Series** | RVC | Low impedance, high reliability SMD series | | **Capacitance** | 330 µF | Energy storage capacity (331 code) | | **Rated Voltage** | 25V | Maximum continuous DC voltage | | **Tolerance** | ±20% (M) | Standard capacitance deviation | | **Dimensions** | 10 x 10.2 mm | Case diameter (10) and height | | **Operating Temp** | -55°C to +105°C | Thermal operating range | | **Packaging** | Tape & Reel (R2) | Standard automated assembly format | --- ### 2. Key Features and Characteristics * **Low Impedance:** This series is engineered to provide low ESR (Equivalent Series Resistance), making it efficient for high-frequency switching power supplies. * **Surface Mount Design (V-Chip):** The "V" in the part number often denotes the vertical chip (V-Chip) construction, allowing for automated pick-and-place assembly on PCBs. * **Durability:** Rated for a specific "Load Life" (usually 2,000 to 5,000 hours at 105°C), ensuring long-term stability in demanding environments. * **Reflow Soldering Compatible:** Designed to withstand the high temperatures of lead-free reflow soldering processes. --- ### 3. Common Applications This specific capacitor (330µF / 25V) is commonly found in the following circuits: 1. **DC-DC Converters:** Used for input and output filtering to smooth out voltage ripples. 2. **Motherboards & Peripherals:** Provides local decoupling for integrated circuits requiring stable 12V or 5V rails. 3. **Automotive Electronics:** Used in infotainment systems or body control modules due to its 105°C temperature rating. 4. **Consumer Electronics:** Found in LED drivers and power adapters where space-saving SMD components are required. --- ### 4. Part Number Decoding (Typical) * **RVC:** Series Identifier. * **25V:** Voltage Rating (25 Volts). * **331:** Capacitance Code (33 followed by one zero = 330µF). * **M:** Tolerance code (±20%). * **H10:** Case Size code (Refers to 10mm diameter). * **UN:** Internal manufacturing/Special feature code. * **R2:** Packaging code (Reel size/type).
    ✨ Follow-up Questions
    • ⤷ What is the ripple current rating for the RVC-25V331MH10UN-R2?
    • ⤷ Are there any recommended alternatives with a higher voltage rating?
    • ⤷ How does the ESR of this capacitor affect its performance in high-frequency circuits?