전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RVR-25V331MGA5UQ-R2

  • AI
    The part number **RVR-25V331MGA5UQ-R2** corresponds to a specialized **Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits. ### 1. Component Overview This is a Surface Mount Device (SMD) electrolytic capacitor designed for high reliability and stability in electronic circuits. | Parameter | Specification | | :--- | :--- | | **Capacitance** | 330 µF (Microfarads) | | **Voltage Rating** | 25V DC | | **Tolerance** | ±20% (Standard for electrolytic caps) | | **Mounting Type** | Surface Mount (SMD/V-Chip) | | **Operating Temp** | Typically -55°C to +105°C | --- ### 2. Breakdown of Part Number (General Decoding) While naming conventions vary slightly by manufacturer (often associated with brands like Lelon or ELNA), the code follows this logic: * **RVR:** Represents the specific series (usually Low Impedance or Long Life series). * **25V:** The maximum working voltage (Rated Voltage). * **331:** The capacitance code. The first two digits (33) are the base value, and the third (1) is the multiplier ($33 \times 10^1 = 330$). * **M:** Tolerance code (M = ±20%). * **GA5:** Physical case size code (Diameter × Height). * **R2:** Packaging suffix (typically indicating Tape & Reel for automated assembly). --- ### 3. Key Electronic Characteristics #### A. Low ESR (Equivalent Series Resistance) Capacitors in the RVR series are typically designed with lower ESR than standard general-purpose caps. This allows them to handle higher ripple currents without overheating, making them ideal for high-frequency switching power supplies. #### B. Polarized Nature As an Aluminum Electrolytic capacitor, this part is **polarized**. It must be installed with the correct orientation (Positive and Negative terminals). Incorrect installation can lead to component failure or venting. #### C. Application Use Cases * **DC-DC Converters:** Used for smoothing output voltage. * **Decoupling:** Filtering out noise from power lines in digital circuits. * **Consumer Electronics:** Found in laptops, chargers, and LED drivers where space is limited and SMD assembly is required. --- ### 4. Footprint and Soldering This part is a **V-Chip** style SMD. It features a flat base (usually square or rectangular) that sits on the PCB, with leads extending to the sides for reflow soldering. ```markdown Symbol Representation: + ---||--- - (Positive) (Negative) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 105°C temperature rating compared to 85°C?
    • ⤷ How does ESR affect the performance of this capacitor in a power supply?
    • ⤷ What are the physical dimensions associated with the GA5 size code?