전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RVT-10V331MG10U-R2

  • AI
    The **RVT-10V331MG10U-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor. This specific part is commonly used in power management and filtering circuits where space is limited but high capacitance is required. ### 1. Part Number Breakdown Based on standard industry naming conventions (often associated with manufacturers like Elna or Lelon), here is the technical breakdown: | Code Segment | Meaning | Specification | |:---|:---|:---| | **RVT** | Series Code | Vertical Chip Type (Standard, 105°C) | | **10V** | Voltage Rating | 10 Volts DC (Maximum Working Voltage) | | **331** | Capacitance Code | 330 µF (33 + 1 zero) | | **M** | Tolerance | ±20% | | **G10** | Case Size | ~8.0mm Diameter x 10.0mm Height | | **U-R2** | Packaging/Finish | RoHS Compliant, Tape & Reel | --- ### 2. Key Technical Specifications These parameters define how the component performs under electrical stress: * **Capacitance:** 330 Microfarads (µF). * **Rated Voltage:** 10V DC (Surge voltage is typically 1.15x rated voltage). * **Operating Temperature:** -55°C to +105°C (High-temperature rating suitable for automotive or industrial use). * **Endurance:** Typically 2,000 hours at 105°C. * **Form Factor:** V-Chip (Surface Mount Device). --- ### 3. Core Electronic Functions This component serves three primary roles in a circuit: 1. **Filtering:** It smooths out voltage ripples in DC-DC converters or power supplies to provide clean power to sensitive ICs. 2. **Decoupling:** It acts as a local energy reservoir to handle sudden spikes in current demand from processors. 3. **Bypassing:** Shunts unwanted AC noise to the ground, preventing interference in signal paths. --- ### 4. Comparison with Alternative Technologies | Feature | Aluminum Electrolytic (RVT) | Ceramic (MLCC) | Tantalum | |:---|:---|:---|:---| | **Capacitance Range** | Very High | Low to Medium | Medium | | **Cost** | Low | High (for high capacitance) | High | | **Size** | Larger (Tall) | Very Small | Small/Flat | | **Stability** | Decreases over time | Very Stable | Very Stable | --- ### 5. Footprint (Physical Design) The **G10** designation refers to the physical dimensions. For an SMD electrolytic capacitor of this type, the footprint on a PCB typically looks like this: * **Base Plate:** Square plastic base (approx. 8.3mm x 8.3mm). * **Polarity:** Marked with a black or colored stripe on the top of the can (indicating the **Negative** terminal).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this capacitor?
    • ⤷ How does the ESR of this capacitor affect its performance in high-frequency switching?
    • ⤷ What is the shelf-life limit for aluminum electrolytic capacitors before they require reforming?