전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RVT-10V331MH10U-R2

  • AI
    The **RVT-10V331MH10U-R2** is a specific part number for a surface-mount aluminum electrolytic capacitor, typically manufactured by companies like **Elna** or **Lelon**. --- ## 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | Polarized storage component | | **Capacitance** | 330 µF | Energy storage capacity | | **Voltage Rating** | 10 V | Maximum DC working voltage | | **Mounting Type** | SMD (Surface Mount Device) | Vertical "V-Chip" style | | **Tolerance** | ±20% (M) | Standard industry variance | | **Temperature Range**| -55°C to +105°C | High-temperature reliability | | **Size Code** | Φ8 × 10.5 mm (H10) | Diameter x Height | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts or replacements: * **RVT**: Series name (typically implies a standard or low-profile high-temperature SMD series). * **10V**: The rated working voltage (10 Volts). * **331**: The capacitance code. The first two digits (33) are the significant figures, and the third (1) is the multiplier ($10^1$). $33 \times 10 = 330$ µF. * **M**: Tolerance code for ±20%. * **H10**: Refers to the physical dimensions, specifically the 10.5mm height. * **U-R2**: Packaging and internal material codes (usually refers to RoHS compliance and Reel packaging). --- ## 3. Key Applications Because of its small footprint and 105°C rating, this part is commonly used in: 1. **Power Supply Filtering**: Smoothing out ripples in DC-DC converters. 2. **Decoupling**: Reducing noise on power rails near integrated circuits. 3. **Consumer Electronics**: Found in laptops, monitors, and telecommunication equipment. 4. **Automotive Infotainment**: Suitable for non-critical cabin electronics due to the temperature rating. --- ## 4. Engineering Considerations When designing a PCB with this component, keep the following in mind: * **Polarity**: This is a polarized component. Ensure the "anode" and "cathode" are correctly oriented (the dark stripe on the top of the can indicates the negative terminal). * **Reflow Soldering**: As an SMD aluminum capacitor, it must follow specific thermal profiles to avoid the electrolyte boiling during manufacturing. * **ESR (Equivalent Series Resistance)**: While not specified in the part number, standard RVT series are typically general-purpose; for high-frequency switching, check if a "Low ESR" variant is required.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative series for RVT capacitors from other manufacturers?
    • ⤷ How does the 105°C rating affect the expected lifespan of this capacitor?
    • ⤷ What is the specific land pattern/footprint required for a Φ8 SMD capacitor?