RW3FF-R015-JT
AI

The **RW3FF-R015-JT** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Shunt Resistor** or **Current Sense Resistor**. It is engineered for high-precision current measurement and power management.
---
## 1. Technical Specifications
Below is a breakdown of the key parameters based on the part numbering convention:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.015 $\Omega$ (15m$\Omega$) | Indicated by "R015" |
| **Tolerance** | $\pm5\%$ | Indicated by the "J" suffix |
| **Power Rating** | 3 Watts | Indicated by "3" in the prefix |
| **Package Type** | Molded SMD | Often used for heat dissipation in power circuits |
| **Termination** | Radial/Flameproof | "FF" usually denotes a Flameproof design |
---
## 2. Component Composition & Design
### Physical Structure
* **Molded Body:** The "RW" series usually features a molded encapsulated body that protects the resistive element from moisture and mechanical stress.
* **Flameproof Coating:** The "FF" designation signifies that the resistor is designed not to ignite or produce flames even when subjected to severe overload conditions.
### Resistive Element
* This part uses a **Metal Alloy** or **Metal Film** element. Because the resistance is so low (15 milliohms), it is used to sense the voltage drop across it to calculate current flow ($I = V / R$).
---
## 3. Applications
The RW3FF-R015-JT is commonly found in power electronics where monitoring high current is necessary:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in lithium-ion packs.
2. **Motor Controllers:** Sensing phase currents to regulate torque and speed.
3. **DC-DC Converters:** Providing feedback for over-current protection (OCP).
4. **Power Supplies:** Serving as a shunt for digital ammeters.
---
## 4. Part Number Breakdown
* **RW:** Series designation (Wirewound/Power Resistor).
* **3:** 3-Watt power handling capacity.
* **FF:** Flameproof characteristic / Special feature code.
* **R015:** Resistance value ($0.015 \Omega$).
* **J:** Tolerance code ($\pm5\%$).
* **T:** Packaging code (usually "Tape & Reel").
---
- ⤷
What is the maximum current this resistor can handle based on its 3W rating?
- ⤷ How does a 5% tolerance affect the accuracy of current sensing in this part?
- ⤷ Are there 1% tolerance alternatives available for higher precision applications?