전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • RW3FF-R10-KT

  • AI
    The **RW3FF-R10-KT** is a specific type of **Current Sensing Resistor** (often referred to as a Shunt Resistor). These components are designed to measure current flow by creating a small voltage drop that can be measured by an integrated circuit. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the RW3 series (commonly manufactured by companies like RCD Components), here are the typical specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Wirewound Resistor | High precision and stability | | **Resistance Value** | 0.10 $\Omega$ (R10) | Low resistance to minimize power loss | | **Tolerance** | $\pm 10\%$ (K) | The allowable variance from nominal resistance | | **Packaging** | Taped & Reeled (T) | Designed for automated SMT assembly | | **Power Rating** | ~3 Watts | Typically indicated by the "3" in the prefix | --- ### 2. Internal Construction * **Wirewound Element:** The part uses a resistive wire (often a copper-nickel alloy) wound around a ceramic core. This provides better heat dissipation than film resistors. * **Flameproof Coating:** These resistors are usually coated with a silicone or cement material that is UL-recognized as flameproof, ensuring safety during overcurrent conditions. * **Lead Material:** Tinned copper leads for high conductivity and ease of soldering. --- ### 3. Electronic Behavior & Features The RW3FF-R10-KT is engineered for specific circuit behaviors: * **Low Inductance:** Despite being wirewound, "FF" versions are often designed to minimize inductive reactance, making them suitable for faster switching power supplies. * **Temperature Coefficient (TCR):** Usually low (e.g., $\pm 20$ to $\pm 90$ ppm/°C), meaning the resistance stays stable even as the part heats up. * **Surge Capability:** Wirewound resistors are superior to thin-film resistors at handling high-energy pulses or surges without failing. --- ### 4. Typical Applications This part is commonly found in the following electronic environments: 1. **Power Supplies:** Used as a shunt to monitor output current. 2. **Motor Controllers:** To sense the load on a motor and prevent stalling or burnout. 3. **Battery Management Systems (BMS):** Measuring charge and discharge cycles. 4. **DC-DC Converters:** Providing feedback loops for voltage regulation. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **RW3** | Series/Size (3-Watt Wirewound) | | **FF** | Fast-Acting / Flameproof Characteristics | | **R10** | Resistance Value (0.10 Ohms) | | **K** | Tolerance Code ($\pm 10\%$) | | **T** | Packaging (Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a wirewound resistor and a film resistor in power applications?
    • ⤷ How do I calculate the voltage drop across this R10 resistor if the current is 2 Amps?
    • ⤷ Are there surface-mount (SMD) equivalents for the RW3 series?