RW3X-R10-KT
AI

The **RW3X-R10-KT** is a precision electronic component, specifically a **high-power, wirewound resistor** manufactured by **RCD Components**. It is designed for applications requiring high stability, power dissipation, and precision resistance.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RW3X | 3-Watt Power Rating (Wirewound) |
| **Resistance Value** | R10 | 0.10 $\Omega$ (100 m$\Omega$) |
| **Tolerance** | K | $\pm 10\%$ |
| **Packaging** | T | Tape and Reel |
| **Temperature Coefficient** | 20 ppm to 90 ppm | Depends on specific alloy used |
---
## 2. Key Electronic Characteristics
### A. Wirewound Construction
Unlike carbon or thick-film resistors, the RW3X uses a resistive wire (often nickel-chromium or similar alloys) wound around a ceramic core.
* **High Power Dissipation:** Can handle higher heat loads (3W) relative to its physical size.
* **Low Noise:** Wirewound resistors produce significantly less thermal noise than carbon types.
### B. Low Resistance (R10)
The value of **0.10 Ohms** indicates this part is primarily used for **current sensing** or **current limiting**. In a circuit, it allows for the measurement of voltage drop to calculate current ($I = V/R$).
### C. Thermal Stability
The "X" in the series often denotes a specific coating (usually silicone or vitreous enamel) that allows the component to operate at elevated temperatures (up to 275°C or higher) without degradation of the resistive element.
---
## 3. Typical Applications
Because of its 3W power rating and low resistance, the RW3X-R10-KT is commonly found in:
1. **Power Supplies:** Used in the output stage to monitor current flow.
2. **Motor Controllers:** To sense stalls or over-current conditions.
3. **Battery Management Systems (BMS):** For monitoring charge/discharge rates.
4. **Audio Amplifiers:** Used in emitter/source degeneration to stabilize bias current.
---
## 4. Mechanical Design
* **Leads:** Axial leads (suitable for Through-Hole Mounting - THT).
* **Coating:** Flameproof coating for safety in failure conditions.
* **Marking:** Typically laser-marked with resistance and power rating.
- ⤷
What is the maximum operating temperature for the RW3X series?
- ⤷ How does a 10% tolerance affect current sensing accuracy in this resistor?
- ⤷ Are there non-inductive versions of this resistor for high-frequency applications?