전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S-2-R

  • AI
    The term **S-2-R** in electronics typically refers to a specific type of **Relay Module** or a **Solid State Relay (SSR)** configuration. Depending on the manufacturer, it often denotes a "Single-phase, 2-terminal input, Resistive load" or is a specific model number for industrial relay components. Below is a breakdown of the electronic components and technical specifications associated with S-2-R type modules. --- ## 1. Core Internal Components If the S-2-R refers to a **Solid State Relay**, it consists of three main stages: | Component | Function | | :--- | :--- | | **Optocoupler** | Provides electrical isolation between the input (control) and output (load) using light. | | **TRIAC / Thyristor** | The switching element that handles the high-power AC voltage. | | **Snubber Circuit** | A combination of a resistor and capacitor (RC) to prevent accidental triggering from voltage spikes ($dv/dt$). | | **Zero-Crossing Detector** | Ensures the relay turns on only when the AC voltage is at zero to reduce EMI. | --- ## 2. Technical Specifications Most S-2-R modules follow these standard electrical parameters: ### Input (Control Side) * **Voltage Range:** Typically 3-32V DC. * **Current Consumption:** ~10mA to 20mA. * **Indicator:** Usually features an onboard **LED** to show the activation status. ### Output (Load Side) * **Switching Voltage:** 24V to 480V AC. * **Current Rating:** Varies by model (e.g., 10A, 25A, or 40A). * **Switching Type:** Zero-Cross switching (ideal for resistive loads). --- ## 3. Comparison: Mechanical vs. S-2-R (Solid State) Understanding why these parts are chosen over mechanical relays: | Feature | Mechanical Relay | S-2-R (Solid State) | | :--- | :--- | :--- | | **Lifespan** | Limited (Mechanical wear) | Nearly infinite (No moving parts) | | **Switching Speed** | Slow (ms) | Very Fast (μs) | | **Acoustic Noise** | Audible Click | Silent | | **EM Interference** | High (Arcing) | Low (Zero-crossing) | --- ## 4. Typical Connection Diagram ```cpp // Logic Representation [Control Source (+)] ----> [Input + (S-2-R)] [Control Source (-)] ----> [Input - (S-2-R)] [AC Main Line] ----------> [Output Terminal 1 (S-2-R)] [Output Terminal 2] -----> [Load (Heater/Lamp)] -----> [AC Neutral] ``` --- ### Key Applications * **PID Temperature Controllers:** Used to pulse heaters frequently without wearing out. * **Industrial Automation:** Controlling motors or solenoid valves. * **Medical Equipment:** Where silent operation and reliability are critical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Crossing and Random-Fire S-2-R relays?
    • ⤷ How do I calculate the heat sink size required for an S-2-R module?
    • ⤷ Can an S-2-R relay be used to control DC loads?