전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S-2A3-R

  • AI
    The **S-2A3-R** (often associated with the **JJ Electronic** brand) is a high-performance, single-plate power triode vacuum tube. It is a modern recreation of the classic 2A3 tube, widely revered in the audiophile community for its linear amplification and "musical" sonic characteristics. --- ### 1. Key Technical Specifications The "R" suffix often denotes a **ruggedized** or **refined** internal construction compared to vintage "single plate" designs. | Parameter | Value | | :--- | :--- | | **Filament Voltage** | 2.5 V (AC or DC) | | **Filament Current** | 2.5 A | | **Max. Plate Voltage** | 300 V | | **Max. Plate Dissipation** | 15 W | | **Amplification Factor ($\mu$)** | 4.2 | | **Transconductance ($g_m$)** | 5.25 mA/V | | **Base Type** | 4-Pin Ceramic (UX4) | --- ### 2. Internal Construction and Parts The S-2A3-R consists of several critical electronic and mechanical components designed for thermal stability: * **Filament (Cathode):** Unlike indirectly heated tubes, the 2A3 is a **Directly Heated Triode (DHT)**. The filament acts as the cathode. In the S-2A3-R, the filament is typically arranged in a "W" or "M" shape to maximize electron emission surface area. * **The Plate (Anode):** The "S" often refers to **Single Plate** construction. While vintage 2A3s often used two plates in parallel (bi-plate), the single plate design is preferred by purists for better phase coherence and a more detailed soundstage. * **Grid:** A fine wire mesh wrapped around support rods. It controls the flow of electrons from the filament to the plate. * **Glass Envelope:** Made of thick, heat-resistant glass to maintain a high vacuum and withstand the thermal stress of the 15W dissipation. --- ### 3. Application in Circuitry The S-2A3-R is primarily used in **Class A Single-Ended Triode (SET)** amplifiers. Because of its low power output (typically 3.5W to 5W per channel), it requires specific circuit considerations: 1. **Output Transformer (OPT):** Requires a high-quality transformer with a primary impedance of approximately $2.5k\Omega$ to $3k\Omega$. 2. **Filament Power:** Since the filament is the cathode, any noise in the 2.5V power supply will be amplified. Hum-potentiometers or regulated DC supplies are often used to minimize noise. 3. **Bias:** Usually cathode-biased (auto-bias) using a large power resistor and a bypass capacitor to set the operating point. --- ### 4. Sonic Profile Compared to the larger 300B tube, the S-2A3-R is known for: * **Greater Transparency:** More "airy" high frequencies. * **Midrange Realism:** Exceptional vocal reproduction. * **Speed:** Faster transient response due to lower internal capacitance. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a Single Plate and a Bi-Plate 2A3 tube?
    • ⤷ How do I calculate the cathode resistor value for an S-2A3-R in a Class A circuit?
    • ⤷ Can an S-2A3-R be used as a direct replacement for a vintage RCA 2A3?