S-H1-R
AI

The term **S-H1-R** typically refers to a specific configuration or model of a **Miniature Limit Switch** or **Micro Switch**, often used in industrial automation, robotics, and safety interlocks.
Below is an explanation of its electronic components and characteristics.
---
### 1. Component Overview
The S-H1-R is a mechanical switch that converts physical motion into an electrical signal. It is defined by its small form factor and high precision.
| Feature | Description |
| :--- | :--- |
| **Contact Configuration** | Usually SPDT (Single Pole Double Throw) |
| **Actuator Type** | Roller Lever (indicated by the "R" in the suffix) |
| **Housing Material** | Heat-resistant Phenolic or Thermoplastic |
| **Termination** | Solder terminals or Screw terminals (model dependent) |
---
### 2. Internal Electronic Parts
Internally, the switch consists of several critical conductive and mechanical parts:
* **Moving Blade:** A spring-loaded copper or brass strip that snaps between contacts.
* **Stationary Contacts:** Typically made of **Silver Alloy** to ensure high conductivity and resistance to oxidation (arcing).
* **Plunger:** The internal pin that transmits the external force to the moving blade.
* **Return Spring:** Ensures the switch returns to its "Normal" state once the physical pressure is removed.
---
### 3. Electrical Specifications
Standard ratings for this class of switch are designed to handle both logic-level signals and power loads.
| Parameter | Typical Value |
| :--- | :--- |
| **Voltage Rating (AC)** | 125V / 250V AC |
| **Current Rating** | 5A to 10A |
| **Contact Resistance** | < 15 mΩ (Initial) |
| **Insulation Resistance** | > 100 MΩ (at 500V DC) |
| **Dielectric Strength** | 1,000V AC for 1 minute |
---
### 4. Wiring Diagram (SPDT)
The switch operates using three primary terminals:
```text
COM (Common) --------+
|
+---- NC (Normally Closed) -> Circuit ON by default
|
+---- NO (Normally Open) -> Circuit ON when pressed
```
### 5. Application of the "R" (Roller)
The "R" indicates a **Roller Lever**. This electronic part is crucial because it reduces friction on the actuator. It allows the switch to be triggered by a cam or a sliding object without wearing down the switch arm, making it ideal for conveyor belts or CNC axis homing.
---
- ⤷
What is the mechanical life expectancy of the S-H1-R switch?
- ⤷ How does a roller lever compare to a pin plunger actuator?
- ⤷ What are the environmental protection ratings (IP ratings) for this switch type?