전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S03-01-R

  • AI
    The term **S03-01-R** typically refers to a specific series of high-quality **surface-mount (SMD) RFI/EMI shielding clips**, most notably manufactured by companies like **Harwin**. These components are essential in modern PCB design for grounding and electromagnetic interference (EMI) management. --- ### 1. Technical Specifications The S03-01-R is a small metal clip designed to hold a shielding can in place without the need for permanent soldering of the can itself. | Attribute | Typical Specification | | :--- | :--- | | **Material** | Beryllium Copper or Phosphor Bronze | | **Plating** | Tin or Gold over Nickel | | **Mounting Type** | Surface Mount (SMT) | | **Tape & Reel** | Yes (The "-R" suffix denotes Reel packaging) | | **Compatibility** | Shield thickness of 0.13mm to 0.23mm | --- ### 2. Functional Purpose In electronic assemblies, these parts serve two primary roles: 1. **Mechanical Retention:** They act as a "socket" for metal shielding cans. Instead of soldering a large metal box directly to the board, you solder several S03-01-R clips. The shield is then snapped into these clips. 2. **Electrical Grounding:** They provide a low-resistance electrical path between the shielding can and the PCB ground plane, effectively creating a Faraday cage to block EMI. --- ### 3. Key Advantages Using these clips over traditional "through-hole" or "direct-solder" shielding methods offers several benefits: * **Easy Rework:** The shield can be removed and replaced easily to access components underneath for tuning or repair. * **Reduced Heat Stress:** Since you only solder the tiny clips, there is no risk of the PCB warping from the high heat required to solder a large metal shield. * **Automation:** They are supplied in Tape and Reel format, allowing them to be placed by standard Pick-and-Place machines. --- ### 4. Application Example ```c // Example Context: PCB Layout Requirement // 1. Define Ground Plane under sensitive RF area. // 2. Place S03-01-R clips at 10mm-15mm intervals around the perimeter. // 3. Ensure solder paste stencil matches the SMT footprint for S03-01-R. ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended solder footprint dimensions for the S03-01-R?
    • ⤷ Which shielding can thicknesses are compatible with this specific clip?
    • ⤷ How does the S03-01-R compare to the S01-01-R model?