전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S03-R10J

  • AI
    ## Technical Overview: S03-R10J The **S03-R10J** typically refers to a specific series of **Wirewound Power Resistors**, often associated with manufacturers like *Futaba* or *KOA Speer*. These components are designed for high-reliability applications where power dissipation and precision are critical. ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Wirewound Resistor (Axial or Cement type) | | **Resistance Value** | 0.1 $\Omega$ (indicated by "R10") | | **Tolerance** | $\pm$ 5% (indicated by "J") | | **Power Rating** | 3 Watts (indicated by "03") | | **Construction** | Ceramic core with resistive wire winding | | **Coating** | Flameproof Silicone or Cement | --- ### 2. Breakdown of the Part Number Electronic components use alphanumeric codes to define their characteristics. For the **S03-R10J**: * **S03**: Represents the **Size/Power Rating**. In this naming convention, "03" usually denotes a **3-Watt** power handling capacity. * **R10**: Represents the **Resistance Value**. The "R" acts as a decimal point. Therefore, R10 equals **0.1 Ohms**. * **J**: Represents the **Tolerance**. In the industry-standard coding: * F = $\pm$ 1% * G = $\pm$ 2% * **J = $\pm$ 5%** --- ### 3. Applications and Use Cases Because of its low resistance (0.1 $\Omega$) and high power rating (3W), this part is commonly used in the following scenarios: 1. **Current Sensing:** Placed in series with a load to measure current by monitoring the small voltage drop across the resistor. 2. **Shunt Applications:** Diverting excess current in protection circuits. 3. **Inrush Current Limiting:** Protecting sensitive components from power spikes during startup. 4. **Audio Equipment:** Used in the output stages of amplifiers for stabilization. --- ### 4. Physical Characteristics * **Inductance:** Since it is wirewound, it may have parasitic inductance. This makes it less suitable for high-frequency switching applications compared to metal film resistors. * **Thermal Stability:** These resistors are designed to operate at high temperatures (often up to 155°C or 275°C depending on the coating) without significant drift in resistance.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to wirewound resistors for high-frequency applications?
    • ⤷ How do I calculate the voltage drop across a 0.1 ohm resistor at 2 Amps?
    • ⤷ What does a 'Flameproof' rating imply for this specific component?