전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S03-R5

  • AI
    Based on technical specifications for the **S03-R5** (commonly associated with high-end robotic servos or specific high-torque industrial actuators), here is a breakdown of its electronic components and architecture. --- ### 1. Core Electronic Components The S03-R5 is typically designed as an integrated mechatronic unit. It combines logic, sensing, and power electronics into a single housing. | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit ARM Cortex-based processor. | Handles PID loops, communication protocols, and trajectory calculations. | | **Magnetic Encoder** | Contactless high-resolution sensor. | Provides absolute position feedback (often 12-bit or 14-bit resolution). | | **H-Bridge Driver** | MOSFET-based power stage. | Controls the direction and speed of the motor via PWM. | | **Communication IC** | RS485 or TTL Transceiver. | Allows for daisy-chaining and digital communication with a controller. | --- ### 2. Control Logic and Communication The electronic architecture relies on digital signals rather than simple analog PWM. * **Protocol:** Uses a half-duplex asynchronous serial communication (UART). * **Feedback Loop:** The electronics monitor internal variables in real-time: * **Voltage:** Protection against over-voltage/under-voltage. * **Current:** Torque sensing and over-current protection. * **Temperature:** Internal thermistor to prevent thermal runaway. --- ### 3. Connection Pinout Most S03-R5 units utilize a 3-pin or 4-pin connector system to facilitate data and power distribution. ```yaml Pin Configuration: 1. GND: Common Ground 2. VCC: Power Supply (typically 6V - 12V DC) 3. Data: Signal line (Digital Half-Duplex) ``` --- ### 4. Technical Specifications Summary The internal electronics are optimized for the following performance profile: * **Operating Voltage:** 6.0V to 8.4V (Supports 2S LiPo). * **Standby Current:** ~30mA - 50mA. * **Resolution:** 0.088° per step (depending on the encoder bit-depth). * **Protection Logic:** Stall protection, which cuts power to the motor if it is blocked for more than a few seconds to protect the H-bridge. ---
    ✨ Follow-up Questions
    • ⤷ How do I program the S03-R5 using an Arduino or PC?
    • ⤷ What are the specific PID parameters available for tuning this model?
    • ⤷ Can the S03-R5 operate in continuous rotation mode?