전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S12-R

  • AI
    The **S12-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial sensor series (like the Datalogic S12-R photoelectric sensors). Given the "electronic parts" context, this breakdown focuses on the **Solid State Relay** architecture, which is the most common electronic component with this designation. --- ### 1. Key Internal Electronic Components An S12-R SSR consists of three main stages that allow it to switch AC loads using low-voltage DC signals. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Input Circuit** | Receives control signal (e.g., 3-32V DC) | Opto-coupler LED | | **Isolation Barrier** | Provides electrical safety between input and output | Optical Isolation | | **Trigger Circuit** | Detects zero-crossing to reduce EMI | Zero-cross logic IC | | **Switching Device** | Handles the high-power AC load | Back-to-back Thyristors (SCRs) or Triac | | **Protection** | Absorbs voltage spikes | Snubber Network (RC or MOV) | --- ### 2. Technical Specifications The S12-R series is designed for reliability in industrial environments. Below are typical parameters found in these parts: * **Control Voltage:** 3V to 32V DC. * **Load Voltage:** 24V to 280V AC (Standard R-series range). * **Current Rating:** Typically 10A to 25A (depending on heat sinking). * **Dielectric Strength:** 4000Vrms (Input to Output). * **Switching Type:** **Zero-Cross Switching**. This means the relay waits for the AC sine wave to hit 0V before turning on, minimizing electrical noise and stress on the component. --- ### 3. Circuit Operation Diagram The flow of electrons through an S12-R follows this logic: 1. **Input:** A DC voltage powers an internal LED. 2. **Optical Coupling:** The light hits a photo-sensitive triac/transistor. There is no physical contact, ensuring high isolation. 3. **Triggering:** The internal logic waits for the AC voltage to pass through zero. 4. **Power Output:** The main SCRs (Silicon Controlled Rectifiers) conduct, allowing current to flow to the motor, heater, or lamp. --- ### 4. Common Applications * **PID Temperature Controllers:** Used to pulse heaters on and off rapidly. * **Industrial Automation:** Switching solenoids or small motors. * **Lighting Systems:** Controlling large LED arrays or incandescent banks without the "click" of mechanical relays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between S12-R zero-cross and random-fire switching?
    • ⤷ How do I calculate the heat sink requirements for an S12-R relay?
    • ⤷ What are the common failure modes of S12-R electronic components?