전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S4A1G-R

  • AI
    The **S4A1G-R** (often associated with high-density DRAM modules, specifically **DDR4** components) refers to a 1Gb (Gigabit) memory chip manufactured by companies like SK Hynix. In the context of broader electronics, it is a synchronous dynamic random-access memory (SDRAM) component. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. Technical Specifications The following table highlights the core technical characteristics of the S4A1G-R series (specifically DDR4 architecture): | Feature | Specification | | :--- | :--- | | **Memory Density** | 1Gb (128M x 8 bits or 64M x 16 bits) | | **Memory Type** | DDR4 SDRAM | | **Operating Voltage (VDD)** | 1.2V (± 0.06V) | | **VPP Voltage** | 2.5V | | **Data Rate** | Up to 2400 Mbps - 3200 Mbps | | **Interface** | SSTL_12 | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Key Electronic Features * **Low Power Consumption:** Operates at a standard 1.2V, which is significantly lower than DDR3 (1.5V), reducing heat dissipation and power draw in mobile or server environments. * **Differential Clocking:** Utilizes differential clock inputs (CK_t, CK_c) to minimize electromagnetic interference (EMI) and improve timing accuracy at high frequencies. * **Data Bus Inversion (DBI):** A feature used to reduce the number of switching bits on the data bus, which saves power and reduces noise. * **Internal Vref Generation:** The chip can generate its own reference voltage for data signals, simplifying the Printed Circuit Board (PCB) design. * **Programmable CAS Latency:** Allows the system to tune the timing based on the speed of the memory controller. --- ### 3. Pin Configuration & Signal Types The S4A1G-R uses an FBGA layout, which typically includes the following signal groups: 1. **Address/Command Pins:** Used to select specific rows and columns within the memory bank (A0-A13, BA0-BA1, BG0). 2. **Data Pins (DQ):** The bidirectional lines used to transfer data in and out of the chip. 3. **Control Pins:** Includes Chip Select (CS), Write Enable (WE), and Column Address Strobe (CAS). 4. **Power/Ground Pins:** VDD, VSS, VDDQ, and VPP pins for power stability. --- ### 4. Typical Applications * **Embedded Systems:** Used in industrial computers and automotive controllers requiring high-speed data buffers. * **Networking Equipment:** Routers and switches that require temporary storage for packet processing. * **Consumer Electronics:** High-definition televisions, set-top boxes, and smart home hubs.
    ✨ Follow-up Questions
    • ⤷ What are the specific timing parameters like CL and tRCD for this chip?
    • ⤷ How does the FBGA package differ from older TSOP packages in terms of thermal performance?
    • ⤷ Is the S4A1G-R compatible with standard 1.5V DDR3 memory controllers?