S5-R22-NP
AI

The **S5-R22-NP** is a specific electronic component typically identified as a **Miniature Photoelectric Sensor** (often associated with brands like Datalogic or similar industrial automation manufacturers). These sensors are used for object detection in industrial environments.
Below is a breakdown of its technical specifications and electronic architecture.
### 1. General Specifications
The S5-R22-NP belongs to a series of tubular or block-style sensors designed for high-speed detection.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Polarized Retroreflective |
| **Operating Voltage** | 10 - 30 VDC |
| **Output Type** | NPN (Negative-Positive-Negative) |
| **Switching Mode** | Dark on / Light on (Selectable) |
| **Sensing Distance** | 0.1 to 3 meters (typical, depending on reflector) |
| **Connection** | M12 4-pole connector or integrated cable |
---
### 2. Internal Electronic Parts
The device consists of several critical electronic sub-systems integrated into its small housing:
#### A. Optical Transmitter/Receiver
* **Emitter:** Usually a Red LED (660nm). It pulses light to differentiate the signal from ambient background light.
* **Receiver:** A photodiode or phototransistor calibrated to the specific wavelength of the emitter.
* **Polarizing Filters:** Since this is an "R" (Retroreflective) model, it includes internal polarizing filters. This allows the sensor to detect shiny objects (like mirrors or cans) by only accepting light rotated 90 degrees by a corner-cube reflector.
#### B. The Control Circuit (ASIC)
Modern S5 sensors use an **Application-Specific Integrated Circuit (ASIC)** to handle:
* **Modulation:** Pulsing the LED at a high frequency.
* **Demodulation:** Filtering out noise and sunlight so only the reflected pulse is recognized.
* **Sensitivity Adjustment:** A trimmer potentiometer (usually on the back) to adjust the gain of the receiver.
#### C. Output Stage (NPN Configuration)
The "NP" suffix indicates an **NPN Open Collector** output.
* **Operation:** When the sensor is triggered, the output transistor closes the circuit to the negative rail (0V).
* **Current Limit:** Usually rated for 100mA maximum.
* **Protection:** Includes short-circuit protection and reverse polarity protection to prevent damage if wired incorrectly.
---
### 3. Wiring Diagram Logic
To integrate this into a PLC or controller, the following pinout is standard for the NPN configuration:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +VCC | 10-30V DC Power |
| **Blue** | 0V / GND | Ground |
| **Black** | Output | Signal (Switches to Ground) |
| **White** | Input/Mode | Often used for Light/Dark selection |
---
### 4. Application Use-Case
The **S5-R22-NP** is best suited for:
1. **Conveyor Belts:** Detecting the presence of boxes or parts.
2. **Packaging Machinery:** Counting items as they pass a specific point.
3. **Reflective Surfaces:** Because of the polarized filters, it will not be "fooled" by a shiny stainless steel surface passing in front of it; it will only trigger when the beam to the reflector is broken.
---
- ⤷What is the difference between an NPN and a PNP output in this sensor type?
- ⤷ How do I wire the S5-R22-NP to a PLC input?
- ⤷ What type of reflector is recommended for the S5-R22-NP to reach its maximum range?