전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S5-R43-NP

  • AI
    The **S5-R43-NP** is a specific part number typically associated with **M18 cylindrical photoelectric sensors** (specifically the S5 series manufactured by Datalogic/Datasensing). These sensors are widely used in industrial automation for object detection. ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Sensor Type** | Photoelectric Sensor (Retro-reflective) | | **Housing Style** | M18 x 1 Cylindrical | | **Operating Voltage** | 10 - 30 VDC | | **Output Type** | NPN (Negative-Positive-Negative) | | **Switching Mode** | Light ON / Dark ON (Selectable) | | **Sensing Distance** | Up to 4.0 meters (with reflector) | | **Connection Type** | 2m Cable (standard) | | **IP Rating** | IP67 (Dust and Water resistant) | --- ### 2. Key Electronic Components & Functions The device functions through a series of integrated electronic subsystems: #### A. The Emitter (Light Source) The sensor contains an infrared or visible red LED. In the **R43** variant (Retro-reflective), the emitter sends a beam of light toward a dedicated reflector. * **Wavelength:** Usually Red Light (660nm) for easy alignment. #### B. The Receiver (Phototransistor) A high-sensitivity photodiode or phototransistor is tuned to the specific frequency of the emitter. It monitors the light returning from the reflector. * **Logic:** If an object blocks the beam, the light intensity drops, triggering the electronic switch. #### C. The NPN Output Stage The "NP" in the part number designates the output transistor configuration. * **Logic:** When the sensor is triggered, the output wire is connected to the **Negative (GND)** rail. * **Load Connection:** The load (PLC input or Relay) should be connected between the Positive supply (+V) and the NPN Output wire. #### D. Protection Circuitry Modern S5 sensors include built-in electronic safeguards: * **Short-circuit protection:** Prevents damage if the output is miswired. * **Reverse Polarity protection:** Protects the sensor if the + and - power leads are swapped. --- ### 3. Wiring Diagram Logic ```text Brown Wire (+) ----> +10 to 30V DC Blue Wire (-) ----> 0V / Ground Black Wire (OUT) ----> Load (connected to +V) White Wire (SET) ----> Used for L/D selection or sensitivity ``` --- ### 4. Application Use Case Because this is a **Retro-reflective** sensor, it is ideal for detecting: 1. Opaque objects on a conveyor belt. 2. Pallets in warehousing systems. 3. Counting items where access to both sides of the line is difficult (since only one side needs power).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in this sensor series?
    • ⤷ How do I wire the S5-R43-NP to a PLC digital input?
    • ⤷ What type of reflector is recommended for the 4-meter sensing range?