전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • S7686

  • AI
    The **S7686** typically refers to a high-performance **Silicon Photodiode** manufactured by Hamamatsu Photonics. This component is specifically designed for light detection in the visible to near-infrared spectrum, commonly used in precision optical sensors and analytical instruments. --- ### 1. Technical Specifications The following table highlights the core electrical and optical characteristics of the S7686 photodiode: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Spectral Response Range** | 320 to 1100 | nm | | **Peak Sensitivity Wavelength** | 960 | nm | | **Photosensitivity (at peak)** | 0.6 | A/W | | **Short Circuit Current ($I_{sc}$)** | 140 | $\mu$A | | **Dark Current ($I_d$ max)** | 10 | pA | | **Terminal Capacitance ($C_t$)** | 1000 | pF | | **Package Material** | Ceramic / Resin | - | --- ### 2. Key Electronic Features * **High Sensitivity:** Highly efficient at converting light into electrical current, particularly in the near-infrared range. * **Low Dark Current:** It produces very little noise (current leakage) when no light is present, making it ideal for low-light measurements. * **Large Active Area:** Usually features a circular active area (approx. $\phi$ 2.4 mm) to capture more photons without complex lens systems. * **Linearity:** The output current is highly linear relative to the incident light intensity over several orders of magnitude. --- ### 3. Application Circuits To use the S7686 in an electronic system, it is most commonly connected to a **Transimpedance Amplifier (TIA)** to convert the small current ($nA$ to $\mu A$) into a measurable voltage. ```python # Conceptual Gain Calculation for S7686 Circuit # V_out = I_photo * R_feedback sensitivity = 0.6 # Amps per Watt light_power = 0.000001 # 1 microwatt feedback_resistor = 1000000 # 1 Megaohm current_out = light_power * sensitivity voltage_out = current_out * feedback_resistor print(f"Output Voltage: {voltage_out} Volts") ``` --- ### 4. Common Use Cases 1. **Optical Switches:** Detecting the presence or absence of an object blocking a light beam. 2. **Medical Instrumentation:** Used in pulse oximeters or blood glucose monitors. 3. **Industrial Sensing:** Monitoring light levels in factory automation or laser alignment. 4. **Colorimeters:** Detecting specific wavelengths for fluid or chemical analysis.
    ✨ Follow-up Questions
    • ⤷What is the difference between the S7686 and a standard phototransistor?
    • ⤷ How do I reduce noise in a transimpedance amplifier circuit for this photodiode?
    • ⤷ Is the S7686 suitable for high-speed fiber optic communication?