전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SB260L-SMA-R

  • AI
    ## SB260L-SMA-R: Technical Overview The **SB260L-SMA-R** is a specific surface-mount Schottky Barrier Rectifier diode. It is designed for high-frequency applications, power supplies, and protection circuits where low forward voltage drop and fast switching are required. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | SB260L-SMA-R | Manufacturer specific code | | **Diode Type** | Schottky Barrier | Low voltage, high-speed switching | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 60V | The maximum voltage it can block | | **Average Rectified Current ($I_{O}$)** | 2.0A | Continuous current capacity | | **Forward Voltage Drop ($V_F$)** | ~0.70V (at 2A) | Low energy loss during conduction | | **Peak Surge Current ($I_{FSM}$)** | 50A | Max current for 8.3ms half-sine wave | | **Package Type** | SMA (DO-214AC) | Surface mount package | | **Operating Temperature** | -55°C to +150°C | Thermal range | --- ### 2. Component Features * **Low Forward Voltage:** The "L" in the part number often signifies "Low" forward voltage, which minimizes power dissipation and improves efficiency in battery-powered devices. * **Guard Ring Construction:** Includes a guard ring for transient protection, enhancing the durability against voltage spikes. * **SMA Packaging:** The SMA (DO-214AC) footprint is small and flat-leaded, making it ideal for automated surface mount assembly. * **High Surge Capacity:** Capable of handling significant inrush currents without failure. --- ### 3. Common Applications Due to its high speed and efficiency, the SB260L-SMA-R is commonly found in: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when switches are off. 2. **Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backward. 3. **AC-DC Rectification:** Used in low-voltage secondary rectification for power adapters. 4. **Clamping Circuits:** Used to limit voltage levels in signal processing. --- ### 4. Package Dimensions (SMA/DO-214AC) ```text Top View Side View +------------+ +------------+ | | | | Height: ~2.0 - 2.4 mm | [ MARK ] | +--[____]----+ | | ^--- Leads +------------+ Length: ~4.0 - 4.5 mm Width: ~2.5 - 2.8 mm ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SB260L and a standard 1N4007 diode?
    • ⤷ How does temperature affect the leakage current of this Schottky diode?
    • ⤷ Can this diode be used in high-voltage AC rectification circuits?