전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SB340G-SMB-R

  • AI
    The **SB340G-SMB-R** is a specific part number for a Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its high efficiency and fast switching speeds. ### 1. Part Number Breakdown The naming convention typically follows this logic: * **SB:** Schottky Barrier (Type of diode). * **3:** Current rating (3 Amperes). * **40:** Voltage rating (40 Volts). * **G:** Green (Halogen-free/Lead-free materials). * **SMB:** Package type (Surface Mount Device). * **R:** Tape and Reel packaging. --- ### 2. Technical Specifications Below are the primary electronic characteristics of the SB340G: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 40 V | Max voltage the diode can block in reverse. | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 A | Maximum continuous current allowed. | | **Peak Forward Surge Current ($I_{FSM}$)** | 80 A | Max current for a short duration (8.3ms). | | **Maximum Forward Voltage ($V_F$)** | 0.50 V | Low voltage drop compared to standard diodes (~0.7V). | | **Operating Temperature Range** | -55 to +150 °C | Wide thermal operating window. | | **Package Style** | DO-214AA (SMB) | Surface mount plastic package. | --- ### 3. Key Electronic Features * **Schottky Barrier Construction:** Unlike standard P-N junction diodes, these use a metal-to-semiconductor junction. This results in a much lower forward voltage drop and virtually zero recovery time. * **Low Power Loss:** Because the forward voltage drop is low ($V_F \approx 0.5V$), the heat dissipated by the diode is minimized, improving overall circuit efficiency. * **Guard Ring for Stress Protection:** Most "G" versions include an internal guard ring that protects the diode from transient over-voltages and ESD. --- ### 4. Common Applications Due to its 3A / 40V rating, the SB340G-SMB-R is frequently found in: 1. **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. 2. **Polarity Protection:** Preventing damage if a battery or power source is connected backward. 3. **Low Voltage Rectification:** Converting AC to DC in small power adapters. 4. **ORing Diodes:** In redundant power supply systems to prevent back-feeding. --- ### 5. Footprint Information The **SMB (DO-214AA)** package is a standard SMD size. Ensure your PCB layout matches these general dimensions: * **Length:** ~4.06mm - 4.70mm * **Width:** ~3.30mm - 3.94mm * **Height:** ~1.99mm - 2.61mm
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SMB and SMC package versions of this diode?
    • ⤷ Can this diode be used in a 48V system safely?
    • ⤷ How does the forward voltage drop change as the operating temperature increases?