SB340L-SMC-R
AI

The **SB340L-SMC-R** is a specific surface-mount Schottky Barrier Diode. Below is a detailed breakdown of its electronic characteristics, naming conventions, and typical applications.
---
## 1. Component Identification
The part number can be broken down to understand its core specifications:
| Part Segment | Meaning |
| :--- | :--- |
| **SB** | Schottky Barrier Diode |
| **3** | Forward Current ($I_{F}$) rating of 3.0 Amperes |
| **40** | Reverse Voltage ($V_{RRM}$) rating of 40 Volts |
| **L** | Low Forward Voltage Drop ($V_{F}$) version |
| **SMC** | Package type (DO-214AB) |
| **R** | Tape and Reel packaging |
---
## 2. Technical Specifications
These parameters define how the component performs under electrical load:
### Electrical Ratings
* **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$):** 40V
* **Maximum Average Forward Rectified Current ($I_{O}$):** 3.0A
* **Peak Forward Surge Current ($I_{FSM}$):** Typically 80A - 100A (8.3ms single half sine-wave)
* **Forward Voltage Drop ($V_{F}$):** Very low, typically < 0.45V at 3A (This is the "L" characteristic).
### Thermal/Physical Properties
* **Operating Junction Temperature:** -55°C to +125°C
* **Case Material:** Molded Plastic (UL Flammability Classification 94V-0)
* **Terminals:** Solderable per MIL-STD-750
---
## 3. Key Features
1. **Schottky Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction, allowing for **extremely fast switching** speeds.
2. **Low Power Loss:** Because the forward voltage drop is lower than standard diodes (0.45V vs. 0.7V-1.1V), it generates less heat and improves efficiency.
3. **SMC Package:** The "SMC" footprint is larger than SMA or SMB, providing better heat dissipation for 3-Ampere loads.
---
## 4. Typical Applications
The SB340L is commonly found in circuits where efficiency and speed are critical:
* **Freewheeling Diodes:** Used in DC/DC converters to provide a path for inductor current.
* **Polarity Protection:** Prevents damage if batteries or power supplies are connected backward.
* **Switching Power Supplies (SMPS):** High-frequency rectification.
* **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
---
## 5. Comparison: SMC vs. SMB Packages
| Feature | SMC (SB340L) | SMB (SB340) |
| :--- | :--- | :--- |
| **Current Handling** | Higher (Better Thermal) | Moderate |
| **Footprint Area** | ~12.5 $mm^2$ | ~8.5 $mm^2$ |
| **Height** | ~2.3 mm | ~2.1 mm |
- ⤷
What are the main differences between the 'L' (Low VF) and standard versions of this diode?
- ⤷ Can this diode be used in AC-to-DC rectification for mains voltage?
- ⤷ What are the recommended PCB thermal pad sizes for an SMC package?