전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SB5100L-SMB-R

  • AI
    ## SB5100L-SMB-R Electronic Components Analysis The **SB5100L-SMB-R** is a high-performance Schottky Barrier Rectifier diode. It is specifically designed for high-frequency applications where efficiency and low power loss are critical. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the SB5100L-SMB-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Diode | Metal-to-silicon junction diode | | **Max Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 100V | The maximum repetitive reverse voltage | | **Max Average Forward Current ($I_{F(AV)}$)** | 5.0A | Maximum continuous current flow | | **Peak Forward Surge Current ($I_{FSM}$)** | 120A | Max current for a single 8.3ms half sine-wave | | **Forward Voltage Drop ($V_F$)** | ~0.70V | Low voltage drop at rated current (Low Power Loss) | | **Operating Temperature Range** | -55°C to +150°C | Robustness in extreme environments | --- ### 2. Physical & Packaging Information The suffix **"SMB"** refers to the surface-mount package type, which is standard in modern PCB manufacturing. * **Package Type:** SMB (DO-214AA) * **Mounting Type:** Surface Mount (SMD) * **Polarity:** Color band denotes the Cathode end. * **RoHS Compliance:** Usually lead-free and compliant with environmental standards. --- ### 3. Core Features & Benefits * **Low Forward Voltage Drop:** This minimizes power dissipation, making it ideal for battery-operated devices. * **High Current Capability:** Despite its small footprint (SMB), it can handle up to 5 Amps. * **High Surge Capacity:** Capable of handling sudden spikes in current without failing. * **Fast Switching:** Schottky diodes have virtually zero reverse recovery time, suitable for high-speed switching. --- ### 4. Typical Applications The SB5100L-SMB-R is commonly integrated into the following circuits: 1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when the switch is off. 2. **Polarity Protection:** Prevents damage to a circuit if the battery or power supply is connected backward. 3. **AC-DC Rectification:** Low-voltage, high-frequency rectification in switch-mode power supplies (SMPS). 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power sources. --- ### 5. Part Number Breakdown | Part Segment | Meaning | | :--- | :--- | | **SB** | Schottky Barrier | | **5** | 5 Amp Current Rating | | **100** | 100 Volt Rating | | **L** | Low Forward Voltage version | | **SMB** | Package type (DO-214AA) | | **-R** | Tape and Reel packaging (standard for automated assembly) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between an SMB and an SMC package for Schottky diodes?
    • ⤷ How does the 'Low Forward Voltage' (L) suffix impact the thermal performance of this diode?
    • ⤷ Can this diode be used in a 220V AC rectification circuit?