전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SBS-BA-R/E

  • AI
    The **SBS-BA-R/E** refers to a specific electronic component kit typically used in industrial weighing systems or load cell transmitters, often associated with brands like **Steinberg Systems**. This specific designation usually identifies a **Replacement Motherboard/PCB Assembly** for industrial floor scales or hanging scales. --- ### 1. Core Electronic Components The board functions as a high-precision analog-to-digital converter and processing unit. Below are the primary electronic sections found on the PCB: | Component Category | Description | Function | | :--- | :--- | :--- | | **A/D Converter** | High-resolution 24-bit chip (e.g., HX711 or similar) | Converts analog voltage from load cells into digital data. | | **Microcontroller (MCU)** | 8-bit or 32-bit Central Processor | Manages tare, zeroing, unit conversion, and display output. | | **Voltage Regulator** | LDO (Low Dropout) Regulator | Stabilizes the input battery voltage (usually 4V or 6V) for sensitive logic. | | **Display Header** | Multi-pin connector | Interfaces with the LCD or LED segment display. | | **Signal Terminals** | Screw terminals (E+, E-, S+, S-) | Connects to the strain gauge (Load Cell). | --- ### 2. Technical Specifications Most SBS-BA-R/E units share the following electronic parameters: * **Input Voltage:** DC 4V to 6V (often powered by a lead-acid rechargeable battery). * **Load Cell Interface:** Excitation voltage typically around 5V DC. * **Operating Frequency:** 50/60 Hz internal clock for filtering noise. * **Connectivity:** Usually features a 4-pin or 5-pin output for the weighing sensor. --- ### 3. Circuit Interface Mapping The board is designed for easy replacement ("Plug and Play"). The standard wiring layout typically follows this logic: ```c // Typical Pin Assignment for SBS-BA-R/E Load Cell Port 1. [VCC / E+] -> Red Wire (Excitation +) 2. [GND / E-] -> Black Wire (Excitation -) 3. [Sig+ / S+] -> Green/White Wire (Signal +) 4. [Sig- / S-] -> White/Blue Wire (Signal -) ``` --- ### 4. Troubleshooting Electronic Failures If the board is malfunctioning, check the following electronic symptoms: 1. **"Err" or "OFL" on Display:** Often caused by a failure in the **A/D Converter** section or a disconnected Signal (+) trace. 2. **No Power:** Check the **Diode** near the DC input jack; these often fail if a wrong polarity charger is used. 3. **Unstable Readings:** Check the **Electrolytic Capacitors**; if they bulge, they can no longer filter the ripple voltage from the battery.
    ✨ Follow-up Questions
    • ⤷What is the specific load cell capacity supported by this PCB?
    • ⤷ How do you calibrate the SBS-BA-R/E after replacement?
    • ⤷ Can this board be modified to include an RS232 output?