전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SBS-C1-R

  • AI
    ## SBS-C1-R Electronic Components & Specifications The **SBS-C1-R** is a specialized controller module typically used in industrial automation, specifically within safety systems or small-scale control architectures (often associated with brands like **Sick** or specialized electronic interface manufacturers). Below is a breakdown of its technical profile, electronic parts, and functional characteristics. --- ### Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Product Type** | Control Module / Bus Module | | **Supply Voltage** | 24V DC (Standard Industrial) | | **Interface Type** | Integrated Connection Port (RJ45 or Pin-header) | | **Response Time** | High-speed processing (< 10ms typically) | | **Mounting** | DIN Rail or Integrated Plate | | **Environmental Rating** | IP20 (Standard Internal) | --- ### Core Electronic Components The SBS-C1-R utilizes a specific set of internal components designed for reliability and signal integrity: 1. **Logic Controller (MCU):** * The heart of the unit is a dedicated microcontroller designed to handle input/output (I/O) logic. It processes signals from connected sensors or encoders and translates them into readable data for the master PLC. 2. **Opto-Isolators (Optical Isolation):** * To protect the main circuitry from voltage spikes or ground loops, the inputs/outputs are optically isolated. This ensures that electrical noise from the factory floor does not damage the sensitive logic components. 3. **Signal Conditioning Circuitry:** * Includes operational amplifiers (Op-Amps) and filters that clean up "noisy" analog or digital signals before they are processed by the logic chip. 4. **Voltage Regulators:** * Converts the standard 24V DC input into stable 3.3V or 5V rails required for the internal semiconductor components. --- ### Functional Applications * **Bus Integration:** Acts as a bridge between individual sensors and a fieldbus system (like PROFINET or EtherCAT). * **Safety Monitoring:** Often used to monitor the status of safety light curtains or emergency stop circuits. * **Status Indicators:** Usually features integrated LEDs (Power, Status, Error) to provide immediate visual feedback on the health of the electronic circuit. --- ### Connectivity Layout ```mermaid graph LR A[Power Input 24V] --> B[Voltage Regulator] C[Sensors/Inputs] --> D[Opto-Isolators] D --> E[Logic Processor] E --> F[Communication Port/Bus] B --> E ```
    ✨ Follow-up Questions
    • ⤷ Is the SBS-C1-R compatible with EtherCAT or PROFINET protocols?
    • ⤷ What are the specific wiring pinouts for the SBS-C1-R connector?
    • ⤷ How do I troubleshoot a flashing red error LED on this module?