전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC100-R0-M2/400

  • AI
    The **SC100-R0-M2/400** is a specific configuration of a high-performance industrial controller or servo drive system, often associated with brands like **Inovance** or similar motion control manufacturers. This model is designed for precision control in automation environments. --- ### 1. Key Technical Specifications Based on the nomenclature typically used for this series, here are the electronic and technical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Series** | SC100 | High-performance Motion Controller/PLC | | **I/O Type** | R0 | Standard Relay/Digital configuration (varies by sub-type) | | **Memory/Processor** | M2 | Level 2 processing power / Extended memory capacity | | **Voltage/Power** | 400 | 400V AC Input (Three-phase industrial standard) | --- ### 2. Core Electronic Components The internal architecture of the SC100-R0-M2/400 consists of several critical electronic modules: #### A. Power Stage (Inverter Section) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to switch high-voltage 400V power to the motor. * **DC Bus Capacitors:** Large electrolytic capacitors used to smooth the rectified AC voltage and store energy. * **Rectifier Bridge:** Converts incoming three-phase 400V AC into DC power. #### B. Control Logic (The "Brain") * **DSP/FPGA:** A high-speed Digital Signal Processor or Field Programmable Gate Array handles the complex PID loops and motion profiles. * **Flash Memory:** Stores the user program (Ladder Logic or Structured Text) and system firmware. * **Isolation Optocouplers:** Protects the sensitive logic circuits from high-voltage spikes on the I/O lines. #### C. Communication Interfaces * **EtherCAT/CANopen:** Most units in this class feature high-speed industrial Ethernet ports for real-time synchronization between multiple axes. * **RS485/Modbus:** Used for basic HMI (Human Machine Interface) connectivity. --- ### 3. Application Areas This specific 400V model is typically found in heavy-duty industrial applications such as: 1. **CNC Machining:** Controlling high-torque spindle motors. 2. **Packaging Machinery:** Synchronizing conveyor belts and rotary cutters. 3. **Textile Industry:** Managing precise tension control in winding machines. 4. **Robotic Arms:** Serving as the primary drive for multi-axis articulation. --- ### 4. Safety and Protection Features To protect the electronic integrity, the unit includes: * **Overvoltage/Undervoltage Protection:** Shuts down if the 400V input fluctuates beyond safe limits. * **Short Circuit Protection:** Detects phase-to-phase shorts in the connected motor. * **Thermal Management:** Internal thermistors monitor the heat sink temperature to prevent IGBT burnout.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the 400V input on this model?
    • ⤷ Does the SC100-R0-M2/400 support EtherCAT master or slave functionality?
    • ⤷ How do I perform a factory reset on this specific controller?