전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC110-10-R/600

  • AI
    The **SC110-10-R/600** is a specific model of an **Electronic Load** or a **Power Supply** component, typically utilized in industrial automation and power management systems. While "SC110" can sometimes refer to specific controller series, in the context of power electronics, it most frequently aligns with high-power resistor or load bank specifications. ### Technical Specifications Overview Below are the typical electronic characteristics associated with this part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model Type** | SC110-10-R/600 | High-power wirewound or dynamic load resistor | | **Resistance Value** | 10 $\Omega$ | The electrical resistance (denoted by the "10") | | **Power Rating** | 600 Watts | The continuous power dissipation capacity (denoted by "/600") | | **Tolerance** | ±5% to ±10% | Standard industrial precision for load resistors | | **Cooling** | Forced Air / Heatsink | Requires thermal management due to high wattage | --- ### Key Electronic Components & Construction 1. **Resistive Element**: Usually made of **Nichrome** or a similar alloy wire wound around a ceramic core. This allows the part to handle high temperatures without melting. 2. **Encapsulation**: The "SC" series often features an **Aluminum Housing**. This serves two purposes: * **Protection**: Shields the wire from environmental contaminants. * **Heat Dissipation**: Acts as a primary thermal conductor to transfer heat to an external heatsink. 3. **Termination**: Typically features high-current screw terminals or lead wires capable of handling the amperage resulting from a 600W load. ### Common Applications * **Dynamic Braking**: Used in Variable Frequency Drives (VFDs) to dissipate energy generated by a motor when it decelerates quickly. * **Load Testing**: Acts as a "dummy load" to test the stability of power supplies or batteries. * **Inrush Current Limiting**: Used in large industrial circuits to prevent fuse blows during initial power-up. --- ### Safety and Installation Considerations * **Heat Generation**: At 600W, this component will become extremely hot. It must be mounted on a metal surface (chassis) with thermal paste for safety. * **Inductance**: Being a wirewound component, it may have some parasitic inductance, which should be considered in high-frequency switching circuits. * **Voltage Rating**: Ensure the applied voltage does not exceed the dielectric strength of the insulation (typically 1000V+ for these models).
    ✨ Follow-up Questions
    • ⤷What is the maximum current this 10 Ohm 600W resistor can safely handle?
    • ⤷ How does an aluminum housing improve the performance of a high-power resistor?
    • ⤷ What are the typical mounting requirements for a 600W electronic load?