전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC200-11-R/3

  • AI
    The **SC200-11-R/3** is a specialized power supply or converter unit, typically associated with industrial automation and telecommunications infrastructure. Based on its nomenclature and technical specifications, it is often identified as an **AC/DC Power Module** designed for high reliability. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the SC200 series: | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 90V AC to 264V AC (Universal Input) | | **Output Voltage** | 48V DC (Nominal) | | **Current Rating** | ~4A to 4.5A (Varies by load profile) | | **Power Rating** | 200 Watts | | **Efficiency** | >88% at full load | | **Cooling** | Passive Convection or Forced Air (depending on chassis) | --- ### 2. Core Electronic Components The internal architecture of the SC200-11-R/3 consists of several critical stages: #### A. Input Filter & Rectification * **EMI Filter:** Uses X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts AC input into a high-voltage pulsating DC. #### B. Power Factor Correction (PFC) * Most models in this series include an **Active PFC** circuit. This ensures that the current waveform stays in phase with the voltage, reducing harmonic distortion and improving energy efficiency. #### C. DC-DC Converter Stage * **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency pulses. * **High-Frequency Transformer:** Provides galvanic isolation between the input and output while stepping down the voltage. * **Schottky Rectifiers:** Used on the output side for low-loss rectification into stable DC. #### D. Control Logic * **PWM Controller:** Regulates the duty cycle of the MOSFETs to maintain a constant 48V output despite fluctuations in input voltage or load. * **Protection Circuits:** Includes OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). --- ### 3. Application and Usage This part is specifically designed for: 1. **Telecommunications:** Powering base stations or networking hardware. 2. **Industrial Systems:** Supplying stable power to PLC (Programmable Logic Controller) racks. 3. **Redundancy:** The "R" in the part number often signifies **Redundancy** support, allowing multiple modules to be linked in parallel (N+1 configuration) to ensure system uptime if one module fails. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SC200-11-R/3 connector?
    • ⤷ Does this model support hot-swapping in a redundant chassis?
    • ⤷ What are the specific environmental operating temperature limits for this part?