전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC200-22-R/3

  • AI
    The **SC200-22-R/3** typically refers to a high-performance **Step Motor Driver** or a specialized power control module used in industrial automation. Based on standard technical specifications for this series, here is a detailed breakdown of its electronic components and characteristics. --- ### 1. Core Technical Specifications The device is designed to translate low-level control signals into high-power current pulses to drive stepper motors. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V - 80V DC (or 110V/220V AC depending on the sub-model) | | **Output Current** | 2.0A - 7.0A (Peak) | | **Step Resolution** | Microstepping up to 25,600 steps/rev | | **Control Signal** | 5V - 24V Logic (Pulse/Direction) | | **Cooling** | Passive Heat Sink / Integrated Fan | --- ### 2. Primary Electronic Sub-systems The SC200-22-R/3 is composed of several critical electronic stages: #### A. Power Stage (H-Bridge) * **Components:** MOSFETs or IGBTs. * **Function:** This is the "muscle" of the unit. It switches high-voltage power to the motor phases. The "R" in the model often signifies specific resistance ratings or regenerative braking handling capabilities. #### B. Control Logic (MCU/CPLD) * **Components:** Microcontroller or a High-speed CPLD. * **Function:** Processes the incoming Step (PUL) and Direction (DIR) signals. It calculates the current decay and microstepping sine-waves to ensure smooth motor rotation. #### C. Opto-Isolators * **Function:** Protects the sensitive controller (PLC or Arduino) from high-voltage spikes on the motor side. The inputs are "optically isolated," meaning signals are passed via light rather than direct electrical contact. #### D. Protection Circuitry The device includes internal sensors for: * **Over-Current:** Prevents the MOSFETs from burning out if the motor shorts. * **Over-Voltage:** Protects against back-EMF (Electro-Motive Force) generated by the motor during deceleration. * **Thermal Shutdown:** Shuts the unit down if the internal temperature exceeds safety limits (usually >75°C). --- ### 3. Connection Interface The unit uses terminal blocks for wiring. The typical pinout includes: 1. **PUL+ / PUL-:** Pulse input (determines speed). 2. **DIR+ / DIR-:** Direction input (determines CW/CCW rotation). 3. **ENA+ / ENA-:** Enable input (engages/disengages motor torque). 4. **A+ / A- / B+ / B-:** Stepper motor phase connections. 5. **VCC / GND:** Main DC power supply. --- ### 4. Configuration Hardware On the side of the SC200-22-R/3, you will find: * **DIP Switches:** Used to set the **Current Limit** (matching the motor's Amperage) and the **Microstep Resolution**. * **Potentiometers:** (In some variants) Used to adjust the "Idle Current" to reduce motor heat when not moving.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the SC200-22-R/3?
    • ⤷ How do I calculate the DIP switch settings for a 4.5A motor?
    • ⤷ Does this driver support closed-loop feedback or is it open-loop only?