전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC200-22-R/400

  • AI
    The **SC200-22-R/400** is a specific model within the industrial automation sector, typically referring to a **Solid State Soft Starter** or a high-performance **Motor Control Drive**. It is designed to manage the startup and protection of three-phase induction motors. --- ### 1. Technical Specifications The model number contains specific parameters regarding its electrical capacity and operational environment. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Model Series** | SC200 | Series identifier for the soft starter / drive line. | | **Current Rating** | 22A | Rated operational current (nominal capacity). | | **Voltage Rating** | 400V | Designed for standard 380V - 440V AC 3-phase systems. | | **Control Logic** | Digital/Microprocessor | Features programmable logic for acceleration/deceleration. | --- ### 2. Key Electronic Components The internal architecture of the SC200-22-R/400 consists of several critical electronic sub-systems: #### A. Power Stage (Thyristors/SCRs) The "Heart" of the device. It uses **Silicon Controlled Rectifiers (SCRs)** arranged in an anti-parallel configuration. * **Function:** By controlling the "firing angle" of these SCRs, the device reduces the voltage applied to the motor during startup, limiting the inrush current. #### B. Control Board (Microcontroller) * **Function:** Processes input signals (Start/Stop/Fault) and executes PID algorithms to ensure smooth torque ramps. * **Protection Logic:** Monitors for phase loss, over-temperature, and over-current. #### C. Bypass Contactor (Internal or External) * **Function:** Once the motor reaches full speed, the electronic SCRs are often bypassed by a mechanical relay or contactor to reduce heat dissipation and increase energy efficiency. #### D. Communication & I/O * **Analog Inputs:** Usually 4-20mA or 0-10V for speed/torque control. * **Digital Outputs:** Relay outputs for "Run" and "Fault" status signaling to a PLC. --- ### 3. Protection Features The electronic circuitry includes integrated protection modules to prevent motor burnout: 1. **Overload Protection:** Electronic thermal overload sensing. 2. **Phase Imbalance:** Detects if one of the three phases is significantly lower than others. 3. **Under-voltage/Over-voltage:** Shuts down the system if the 400V supply fluctuates outside safe margins. --- ### 4. Wiring Diagram (Simplified) ```text L1 L2 L3 (3-Phase Power In) | | | [ SC200-22 ] --- [ Control Terminals: Start/Stop ] | | | U V W (Motor Connection) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific programming parameters for the acceleration ramp on the SC200 series?
    • ⤷ Can this model be integrated into a Modbus or Profibus communication network?
    • ⤷ What is the recommended fuse rating for protecting the SCRs in a 400V setup?