전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SC604-R

  • AI
    The **SC604-R** is a specialized high-performance system-on-module (SoM) or controller typically used in industrial automation, robotics, and advanced communication systems. Below is a breakdown of its core electronic components and technical architecture. --- ### 1. Core Processor & Architecture The heart of the SC604-R is designed for high-speed data processing and real-time control. | Component | Description | | :--- | :--- | | **CPU** | Usually based on ARM Cortex-A series (often A53 or A73) for high efficiency. | | **Instruction Set** | 64-bit architecture to handle complex calculation algorithms. | | **Clock Speed** | Typically ranges from 1.5 GHz to 2.2 GHz depending on the specific revision. | ### 2. Memory & Storage (Memory Map) The module utilizes high-speed volatile and non-volatile memory to ensure low-latency performance. * **RAM (LPDDR4/4X):** Generally equipped with 2GB to 4GB of Low Power DDR4 RAM. This allows for rapid multi-tasking and buffer management. * **eMMC Flash:** Internal storage (usually 16GB to 64GB) used for the Operating System (RTOS or Linux) and application logs. * **EEPROM:** A small dedicated chip for storing configuration parameters and unique hardware IDs. ### 3. Connectivity & I/O Interfaces The "R" in the suffix often denotes enhanced **Reliability** or **Radio** capabilities. The electronic layout includes: * **Wireless Modules:** Integrated Wi-Fi 5/6 and Bluetooth 5.x controllers. * **Ethernet PHY:** Integrated physical layer for 10/100/1000 Mbps wired networking. * **Peripheral Buses:** * **UART/RS232/RS485:** For industrial sensor communication. * **CAN Bus:** Essential for automotive or heavy-machinery diagnostics. * **I2C/SPI:** For interfacing with low-level onboard sensors (IMUs, temperature sensors). ### 4. Power Management (PMIC) The SC604-R integrates a sophisticated **Power Management Integrated Circuit (PMIC)**: * **Voltage Regulation:** Converts wide-range input (e.g., 9V-36V) down to stable 1.8V, 3.3V, and 5V rails. * **Thermal Throttling:** Electronic sensors that reduce clock speed if the die temperature exceeds safe limits (usually above 85°C). ### 5. Physical Characteristics (PCB Layout) The module is typically built on a multi-layer High-Density Interconnect (HDI) PCB to minimize electromagnetic interference (EMI). ```yaml Hardware_Specifications: Form_Factor: LCC + LGA Package Operating_Voltage: 3.3V to 4.4V (Core) Operating_Temp: -35°C to +75°C Dimensions: Approx 40mm x 45mm ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the SC604-R LCC package?
    • ⤷ Which operating systems are compatible with the SC604-R hardware?
    • ⤷ Does the SC604-R support 5G connectivity or is it limited to 4G LTE?