SCB-2-M-1280-R2
AI

The **SCB-2-M-1280-R2** is a high-performance network interface module (NIM) or interface card, typically associated with network appliances used in security, firewalls, and data centers. It is designed to provide high-speed connectivity via SFP+ ports.
---
### 1. Key Technical Specifications
The electronics of this module are centered around high-bandwidth data processing and optical networking.
| Component | Description |
| :--- | :--- |
| **Interface Type** | 10 Gigabit Ethernet (10GbE) |
| **Port Configuration** | 2-Port SFP+ (Small Form-factor Pluggable Plus) |
| **Host Interface** | PCIe (Peripheral Component Interconnect Express) Gen2 or Gen3 |
| **Controller/Chipset** | Often features Intel 82599ES or similar high-grade network controllers |
| **Form Factor** | Proprietary SCB (Standard Configuration Blade) for specific appliance chassis |
---
### 2. Major Electronic Subsystems
#### A. Networking Controller (IC)
The heart of the board is a high-speed Ethernet controller. This chip manages the Physical Layer (PHY) and Data Link Layer (MAC), handling packet filtering, VLAN tagging, and offloading tasks from the main CPU to reduce latency.
#### B. SFP+ Transceiver Slots
These slots contain the electrical pins (SFF-8431) required to interface with optical or copper transceivers.
- **Power Management:** Includes dedicated voltage regulators to provide stable 3.3V power to the inserted transceivers.
- **Signal Integrity:** Uses differential pairs to maintain high-speed signal quality over the PCB traces.
#### C. Power Management Integrated Circuits (PMICs)
Because the module draws power from the host chassis' PCIe backplane, it utilizes:
- **DC-DC Buck Converters:** To step down voltage for the onboard controller.
- **Decoupling Capacitors:** To filter high-frequency noise and prevent data corruption during high-load processing.
#### D. EEPROM/Flash Memory
A small non-volatile memory chip stores the firmware, MAC addresses, and configuration data required for the BIOS or Operating System to identify the hardware correctly.
---
### 3. Usage Context
This specific "R2" (Revision 2) module is commonly used in **Lanner** or similar network appliances. It is designed for modularity, allowing IT administrators to swap or upgrade network ports without replacing the entire server.
---
- ⤷
What is the maximum data throughput supported by the SCB-2-M-1280-R2?
- ⤷ Is this module compatible with standard PCIe slots in a desktop PC?
- ⤷ What are the power consumption requirements for this specific interface card?